Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDKGA41700 Datasheet (PDF) - ALPS ELECTRIC CO.,LTD.

SDKGA41700 Datasheet PDF - ALPS ELECTRIC CO.,LTD.
Part # SDKGA41700
Download  SDKGA41700 Download
File Size   94.95 Kbytes
Page   3 Pages
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.
Description 5A 250V AC Qualified Primary Input Voltage Selection Type

SDKGA41700 Datasheet (PDF)

Go To PDF Page Download Datasheet
SDKGA41700 Datasheet PDF - ALPS ELECTRIC CO.,LTD.

Part # SDKGA41700
Download  SDKGA41700 Click to download

File Size   94.95 Kbytes
Page   3 Pages
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.
Description 5A 250V AC Qualified Primary Input Voltage Selection Type

SDKGA41700 Datasheet (HTML) - ALPS ELECTRIC CO.,LTD.




Similar Part No. - SDKGA41700

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
SDK SCHURTER-SDK Datasheet
252Kb / 3P
Printmount Switch, Medium Stroke, 7.5 mm
SDK SCHURTER-SDK Datasheet
263Kb / 3P
Printmount Switch, Medium Stroke, 7.5 mm
04.01.2022
logo
Winchester Electronics ...
SDK-2951 WINCHESTER-SDK-2951 Datasheet
44Kb / 1P
PLUG
SDK-2963-13 WINCHESTER-SDK-2963-13 Datasheet
110Kb / 1P
CLIP ASSEMBLY
logo
Festo Corporation.
SDK-3-PK-3 FESTO-SDK-3-PK-3 Datasheet
83Kb / 1P
End stop limit switch
More results


Similar Description - SDKGA41700

ManufacturerPart #DatasheetDescription
logo
Power-One
MAP130 POWER-ONE-MAP130 Datasheet
243Kb / 4P
Automatic 115/230 Input Voltage Selection
MAP130 POWER-ONE-MAP130_06 Datasheet
146Kb / 4P
Automatic 115/230 Input Voltage Selection
logo
ALPS ELECTRIC CO.,LTD.
SDDJE ALPS-SDDJE Datasheet
182Kb / 5P
10A 250V AC Qualified Type
SDDJF ALPS-SDDJF Datasheet
125Kb / 3P
16A 250V AC Qualified Type
SDKH ALPS-SDKH Datasheet
85Kb / 2P
5A 250V AC Qualified Primary Input Voltage Selection Type
SDKN ALPS-SDKN Datasheet
113Kb / 3P
0.5A 125V AC Qualified Type
SDKP ALPS-SDKP Datasheet
93Kb / 2P
5A 250V AC Qualified Primary Input Voltage Selection Type
SDDJE ALPS-SDDJE_15 Datasheet
1,007Kb / 6P
10A 250V AC Qualified Type
SDDJF ALPS-SDDJF_15 Datasheet
912Kb / 4P
16A 250V AC Qualified Type
SDKN ALPS-SDKN_15 Datasheet
855Kb / 4P
0.5A 125V AC Qualified Type
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com