Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SKHR Datasheet (PDF) - ALPS ELECTRIC CO.,LTD.

SKHR Datasheet PDF - ALPS ELECTRIC CO.,LTD.
Part # SKHR
Download  SKHR Download
File Size   191.64 Kbytes
Page   3 Pages
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.
Description 4.5mm Square Compact (Snap-in Type)

SKHR Datasheet (PDF)

Go To PDF Page Download Datasheet
SKHR Datasheet PDF - ALPS ELECTRIC CO.,LTD.

Part # SKHR
Download  SKHR Click to download

File Size   191.64 Kbytes
Page   3 Pages
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.
Description 4.5mm Square Compact (Snap-in Type)

SKHR Datasheet (HTML) - ALPS ELECTRIC CO.,LTD.


SKHR Product details

TACT Switch™ 4.5mm Square Compact (Snap-in Type)

Compact snap-in type contribute to improve high density mounting.




Similar Part No. - SKHR

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SKHR31AB0 SEOUL-SKHR31AB0 Datasheet
3Mb / 24P
Side View LED
SKHR32AA0-A SEOUL-SKHR32AA0-A Datasheet
1Mb / 24P
Side View LED
SKHR42BA0-A SEOUL-SKHR42BA0-A Datasheet
1Mb / 24P
Side View LED
More results


Similar Description - SKHR

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKEG ALPS-SKEG Datasheet
247Kb / 5P
6mm Square(Snap-in Type)
SKEY ALPS-SKEY Datasheet
191Kb / 3P
7.8mm Square(Snap-in Type)
SKHC ALPS-SKHC Datasheet
252Kb / 5P
12mm Square(Snap-in Type)
SKHH ALPS-SKHH Datasheet
291Kb / 7P
6mm Square (Snap-in Type)
SKHL ALPS-SKHL Datasheet
215Kb / 4P
6횞3.5mm Compact (Snap-in Type)
SKQJ ALPS-SKQJ Datasheet
250Kb / 4P
6.6mm Square(Snap-in Type)
SKEG ALPS-SKEG_15 Datasheet
838Kb / 4P
6mm Square (Snap-in Type)
SKHC ALPS-SKHC_15 Datasheet
763Kb / 4P
12mm Square (Snap-in Type)
SKHH ALPS-SKHH_15 Datasheet
993Kb / 7P
6mm Square (Snap-in Type)
SKQJ ALPS-SKQJ_15 Datasheet
965Kb / 5P
6.6mm Square (Snap-in Type)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com