Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SKHR Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SKHR
Description  4.5mm Square Compact (Snap-in Type)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SKHR Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SKHR Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SKHR Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SKHR Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TACT Switch
TM
Sharp
Feeling
Soft
Feeling
Snap-in
Type
Surface
Mount Type
Radial
Type
252
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
Custom-
Products
Please use 1.6mm thick PC boards.
Note
Refer to P.306 for soldering conditions.
Product No.
Operating
force
Travel
(mm)
Rating
(max.)
Operating life
(5mA 5V DC)
Initial contact
resistance
Stem color
SKHRAAA010
SKHRABA010
SKHRAHA010
0.98N
1.57N
2.55N
0.25
50mA
12V DC
Rating
(min.)
10
BA
1V DC
50,000cycles
30,000cycles
50,000cycles
100m
Ω
max.
Black
Dark gray
Red
Vertical
Minimum order
unit
(pcs.)
1,000
Operating
direction
Product Line
H4.5
5
0.7
Stem
ø2.5
0.7
1
2
3
4
Style
Dimensions
Unit:mm
PC board mounting hole dimensions
(Viewed from switch mounting face)
4-ø1 holes
5
Circuit Diagram
12
34
4.5mm Square Compact (Snap-in Type)
SKHR Series
Compact snap-in type contribute to improve high density mounting.
TACT Switch
TM


Similar Part No. - SKHR

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SKHR31AB0 SEOUL-SKHR31AB0 Datasheet
3Mb / 24P
Side View LED
SKHR32AA0-A SEOUL-SKHR32AA0-A Datasheet
1Mb / 24P
Side View LED
SKHR42BA0-A SEOUL-SKHR42BA0-A Datasheet
1Mb / 24P
Side View LED
More results

Similar Description - SKHR

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKEG ALPS-SKEG Datasheet
247Kb / 5P
6mm Square(Snap-in Type)
SKEY ALPS-SKEY Datasheet
191Kb / 3P
7.8mm Square(Snap-in Type)
SKHC ALPS-SKHC Datasheet
252Kb / 5P
12mm Square(Snap-in Type)
SKHH ALPS-SKHH Datasheet
291Kb / 7P
6mm Square (Snap-in Type)
SKHL ALPS-SKHL Datasheet
215Kb / 4P
6횞3.5mm Compact (Snap-in Type)
SKQJ ALPS-SKQJ Datasheet
250Kb / 4P
6.6mm Square(Snap-in Type)
SKEG ALPS-SKEG_15 Datasheet
838Kb / 4P
6mm Square (Snap-in Type)
SKHC ALPS-SKHC_15 Datasheet
763Kb / 4P
12mm Square (Snap-in Type)
SKHH ALPS-SKHH_15 Datasheet
993Kb / 7P
6mm Square (Snap-in Type)
SKQJ ALPS-SKQJ_15 Datasheet
965Kb / 5P
6.6mm Square (Snap-in Type)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com