Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SKQY Datasheet (PDF) - ALPS ELECTRIC CO.,LTD.

SKQY Datasheet PDF - ALPS ELECTRIC CO.,LTD.
Part # SKQY
Download  SKQY Download
File Size   172.11 Kbytes
Page   3 Pages
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.
Description 6.1횞3.7mm Compact High-speed Mounting(Surface Mount Type)

SKQY Datasheet (PDF)

Go To PDF Page Download Datasheet
SKQY Datasheet PDF - ALPS ELECTRIC CO.,LTD.

Part # SKQY
Download  SKQY Click to download

File Size   172.11 Kbytes
Page   3 Pages
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.
Description 6.1횞3.7mm Compact High-speed Mounting(Surface Mount Type)

SKQY Datasheet (HTML) - ALPS ELECTRIC CO.,LTD.


SKQY Product details

6.1 × 3.7mm Compact High-speed Mounting (Surface Mount Type)

Compact switch with contact sealing structure, also available with ground terminal




Similar Part No. - SKQY

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKQYAAE010 ALPS-SKQYAAE010 Datasheet
901Kb / 4P
Compact switch with contact sealing structure, also available with ground terminal
SKQYABE010 ALPS-SKQYABE010 Datasheet
901Kb / 4P
Compact switch with contact sealing structure, also available with ground terminal
SKQYACE010 ALPS-SKQYACE010 Datasheet
901Kb / 4P
Compact switch with contact sealing structure, also available with ground terminal
SKQYAFE010 ALPS-SKQYAFE010 Datasheet
901Kb / 4P
Compact switch with contact sealing structure, also available with ground terminal
SKQYPAE010 ALPS-SKQYPAE010 Datasheet
901Kb / 4P
Compact switch with contact sealing structure, also available with ground terminal
More results


Similar Description - SKQY

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC410 SHARP-PC410 Datasheet
50Kb / 5P
Compact, Surface Mount Ultra-high Speed Response OPIC Photocoupler
PQ1NXX3MXSPQ SHARP-PQ1NXX3MXSPQ Datasheet
378Kb / 5P
Compact Surface Mount Type Compact Surface Mount Type
logo
ALPS ELECTRIC CO.,LTD.
SKQM ALPS-SKQM Datasheet
176Kb / 3P
6횞3.5mm Compact (Surface Mount Type)
SKRK ALPS-SKRK Datasheet
172Kb / 3P
3.9횞2.9mm Compact (Surface Mount Type)
logo
Leshan Radio Company
L1SS400CST5G LRC-L1SS400CST5G Datasheet
303Kb / 3P
High speed switching Extremely small surface mounting type.
logo
NEC
EE2-24NU NEC-EE2-24NU Datasheet
228Kb / 12P
Compact and lightweight, High breakdown voltage, Surface mounting type
logo
List of Unclassifed Man...
EE2-5NU ETC2-EE2-5NU Datasheet
228Kb / 12P
Compact and lightweight, High breakdown voltage, Surface mounting type
logo
NEC
EB2-5SNUH-L NEC-EB2-5SNUH-L Datasheet
114Kb / 8P
COMPACT AND LIGHT WEIGHT SURFACE MOUNTING TYPE
EC29SND NEC-EC29SND Datasheet
142Kb / 12P
High Insulation, High breakdown voltage, compact and lightweight, Surface mounting type
UB23SNUL NEC-UB23SNUL Datasheet
129Kb / 12P
Super-compact size, Slim-package, Surface mounting type
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com