Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SKRK Datasheet (PDF) - ALPS ELECTRIC CO.,LTD.

SKRK Datasheet PDF - ALPS ELECTRIC CO.,LTD.
Part # SKRK
Download  SKRK Download
File Size   172.34 Kbytes
Page   3 Pages
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.
Description 3.9횞2.9mm Compact (Surface Mount Type)

SKRK Datasheet (PDF)

Go To PDF Page Download Datasheet
SKRK Datasheet PDF - ALPS ELECTRIC CO.,LTD.

Part # SKRK
Download  SKRK Click to download

File Size   172.34 Kbytes
Page   3 Pages
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.
Description 3.9횞2.9mm Compact (Surface Mount Type)

SKRK Datasheet (HTML) - ALPS ELECTRIC CO.,LTD.


SKRK Product details

3.9 × 2.9mm Compact (Surface Mount Type)

1.5mm or 2mm stem height contribute to smaller and thinner sets




Similar Part No. - SKRK

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKRKAE ALPS-SKRKAE Datasheet
662Kb / 4P
SKRK 3.9 × 2.9mm Compact (Surface Mount Type)
SKRKAEE010 ALPS-SKRKAEE010 Datasheet
671Kb / 4P
1.5mm or 2mm stem height contribute to smaller and thinner sets
SKRKAEE020 ALPS-SKRKAEE020 Datasheet
662Kb / 4P
SKRK 3.9 × 2.9mm Compact (Surface Mount Type)
SKRKAG ALPS-SKRKAG Datasheet
662Kb / 4P
SKRK 3.9 × 2.9mm Compact (Surface Mount Type)
SKRKAGE010 ALPS-SKRKAGE010 Datasheet
671Kb / 4P
1.5mm or 2mm stem height contribute to smaller and thinner sets
More results


Similar Description - SKRK

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC400 SHARP-PC400 Datasheet
50Kb / 4P
Compact, Surface Mount Type OPIC Photocoupler
PC401 SHARP-PC401 Datasheet
54Kb / 4P
Compact, Surface Mount Type OPIC Photocoupler
PQ1NXX3MXSPQ SHARP-PQ1NXX3MXSPQ Datasheet
378Kb / 5P
Compact Surface Mount Type Compact Surface Mount Type
logo
ALPS ELECTRIC CO.,LTD.
SKQM ALPS-SKQM Datasheet
176Kb / 3P
6횞3.5mm Compact (Surface Mount Type)
SKRP ALPS-SKRP Datasheet
171Kb / 3P
4.2횞3.2mm Compact High Operating Force (Surface Mount Type)
logo
Sharp Corporation
PC400TJ0000F SHARP-PC400TJ0000F Datasheet
74Kb / 5P
Compact, Surface Mount Type OPIC Photocoupler
PC400J00000F SHARP-PC400J00000F Datasheet
74Kb / 5P
Compact, Surface Mount Type OPIC Photocoupler
logo
ALPS ELECTRIC CO.,LTD.
SKSF ALPS-SKSF Datasheet
674Kb / 3P
Compact Type with Projection (Surface Mount Type)
logo
Sanken electric
SPF5103 SANKEN-SPF5103 Datasheet
127Kb / 1P
Compact type power surface mount package
logo
ALPS ELECTRIC CO.,LTD.
SKRKAEE020 ALPS-SKRKAEE020 Datasheet
662Kb / 4P
SKRK 3.9 × 2.9mm Compact (Surface Mount Type)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com