Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1747 Datasheet (PDF) - ams AG

AS1747 Datasheet PDF - ams AG
Part # AS1747
Download  AS1747 Download
File Size   415.21 Kbytes
Page   13 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Low-Voltage, Dual SPDT, Audio Clickless Switch with Negative Rail Capability

AS1747 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS1747 Datasheet PDF - ams AG

Part # AS1747
Download  AS1747 Click to download

File Size   415.21 Kbytes
Page   13 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Low-Voltage, Dual SPDT, Audio Clickless Switch with Negative Rail Capability

AS1747 Datasheet (HTML) - ams AG


AS1747 Product details

General Description
The SPDT (single-pole/double-throw) switches AS1747, AS1748, AS1749 and AS1750 allow signals below ground to pass through without distortion. These analog switches are ideal for switching audio signals, due to their supply voltage from +1.8V to +5.5V and their low 0.4Ω on-resistance.

Key Features
■ Distortion -Free Negative Signal Throughput Down to VCC - 5.5V
■ Comparator for Headphone or Mute Detection (AS1748/AS1750)
■ Internal Shunt Resistor Reduces Click/Pop (AS1749/AS1750)
■ Low On-Resistance (RON) 0.4Ω at +2.7V Supply
■ 0.25Ω On-Resistance Flatness
■ 0.03Ω On-Resistance Matching
■ +1.8V to +5.5V Supply Voltage
■ -90dB Crosstalk (100kHz)
■ -65dB Off-Isolation (100kHz)
■ 0.01% Total Harmonic Distortion
■ Available in 10-pin TDFN 3x3, 16-pin TQFN 3x3, and 12-Bump WL-CSP Packages

Applications
    The device is ideal for cell phones, PDAs and hand-held devices, notebook computers and MP3 players.




Similar Part No. - AS1747

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1747 AMSCO-AS1747 Datasheet
875Kb / 17P
Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
AS1747-BTDR AMSCO-AS1747-BTDR Datasheet
875Kb / 17P
Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
AS1747-BTDT AMSCO-AS1747-BTDT Datasheet
875Kb / 17P
Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
AS1747-BWLT AMSCO-AS1747-BWLT Datasheet
875Kb / 17P
Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
AS1747 AMSCO-AS1747_04 Datasheet
875Kb / 17P
Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
More results


Similar Description - AS1747

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4762 MAXIM-MAX4762 Datasheet
512Kb / 15P
Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
19-3152; Rev 0; 1/04
MAX4901 MAXIM-MAX4901 Datasheet
346Kb / 13P
Low-RON, Dual-SPST/Single-SPDT Clickless Switches with Negative Rail Capability
Rev 2; 5/06
logo
Vishay Siliconix
DG2750 VISHAY-DG2750 Datasheet
177Kb / 8P
Low Voltage Dual SPDT Analog Switch with Negative Swing Audio Capability
22-Mar-10
DG2750DN-T1-E4 VISHAY-DG2750DN-T1-E4 Datasheet
193Kb / 9P
Low Voltage Dual SPDT Analog Switch with Negative Swing Audio Capability
22-Mar-10
logo
ON Semiconductor
NLAS2750 ONSEMI-NLAS2750 Datasheet
152Kb / 8P
Low Voltage Dual SPDT Analog Switch with Negative Swing Audio Capability
September, 2013 ??Rev. 0
logo
ams AG
AS1747 AMSCO-AS1747_04 Datasheet
875Kb / 17P
Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
logo
Pericom Semiconductor C...
PI3A268C PERICOM-PI3A268C Datasheet
282Kb / 9P
Low-Voltage Dual-SPDT Analog Switch with Negative Swing Audio Capability
logo
Maxim Integrated Produc...
MAX4762 MAXIM-MAX4762_V01 Datasheet
481Kb / 15P
Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
2006
logo
Vishay Siliconix
DG2750 VISHAY-DG2750_V01 Datasheet
165Kb / 9P
0.45 Ω, Low Voltage Dual SPDT Analog Switch with Negative Swing Audio Capability
20-Mar-17
logo
STMicroelectronics
STG5678 STMICROELECTRONICS-STG5678 Datasheet
588Kb / 23P
Low voltage dual SPDT switch with negative rail capability
04-Jun-2010
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com