Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1747 Datasheet(PDF) 4 Page - ams AG

Part # AS1747
Description  Low-Voltage, Dual SPDT, Audio Clickless Switch with Negative Rail Capability
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1747 Datasheet(HTML) 4 Page - ams AG

  AS1747 Datasheet HTML 1Page - ams AG AS1747 Datasheet HTML 2Page - ams AG AS1747 Datasheet HTML 3Page - ams AG AS1747 Datasheet HTML 4Page - ams AG AS1747 Datasheet HTML 5Page - ams AG AS1747 Datasheet HTML 6Page - ams AG AS1747 Datasheet HTML 7Page - ams AG AS1747 Datasheet HTML 8Page - ams AG AS1747 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
www.austriamicrosystems.com
Revision 1.01
4 - 13
AS1747
Datasheet - E l e c t r i c a l C h a r a c t e r i s t i c s
6 Electrical Characteristics
VCC = +2.7V to +5.5V, TA = -40ºC to +85ºC, unless otherwise specified. Typical values are at VCC = +3.0V, TA = +25ºC,
unless otherwise specified.
Table 3. Electrical Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Analog Switch
VNO_
VNC_
VCOM_
Analog Signal Range
VCC -
5.5
VCC
V
RON(NC)
RON(NO)
On-Resistance
VCC = 2.7V; VNC_ or VNO_ = VCC -
5.5V, -1V, 0V, 1V, 2V, VCC; ICOM_ =
100mA
TA = +25ºC
0.4
0.85
Ω
TA = TMIN to
TMAX
0.95
ΔRON
On-Resistance Match
Between Channels
VCC = 2.7V, VNC_ or VNO_ = 0V,
ICOM = 100mA
TA = +25ºC
0.03
0.1
Ω
TA = TMIN to
TMAX
0.15
RFLAT(NC)
On-Resistance
Flatness
VCC = 2.7V; VNC_ or VNC = -1V,
0V, 1V, 2V, VCC; ICOM_ = 100mA
TA = +25ºC
0.25
0.4
Ω
TA = TMIN to
TMAX
0.45
INO_(OFF)
INC_(OFF)
NO_, NC_
Off-Leakage Current
VCC = 2.7V, switch open;
VNC_ or VNO_ = -2.5V, +2.5V;
VCOM_ = +2.5V, -2.5V
TA = +25ºC
-10
+10
nA
TA = TMIN to
TMAX
-200
+200
ICOM_(ON)
COM_
On-Leakage Current
VCC = 2.7V, switch closed;
VNC_ or VNO_ = -2.5V, +2.5V; or
floating; VCOM_ = -2.5V, +2.5V, or
floating
TA = +25ºC
-10
+10
nA
TA = TMIN to
TMAX
-200
+200
Dynamic Characteristics
tON
Turn-On Time
1
VNO = 2.5V; for NO_, VIN_ = 0V to
VCC; for NC_, VIN_ = VCC to 0V;
RL = 300Ω, CL = 35pF, Figure 15
TA = +25ºC
200
400
ns
TA = TMIN to
TMAX
400
tOFF
Turn-Off Time
1
VNC = 2.5V; for NO_, VIN_ = VCC
to 0V; for NC_, VIN_ = 0V to VCC;
RL = 300Ω, CL = 35pF, Figure 15
TA = +25ºC
100
200
ns
TA = TMIN to
TMAX
200
tD
Break-Before-Make
Time Delay
VN_ = 2.5V, for NO_, VIN_ = VCC to 0V; for NC_,
VIN_ = 0V to VCC; RL = 300Ω, CL = 35pF,
Figure 16
200
ns
Q
Charge Injection
VCOM_ = 0V, RS = 0Ω, CL = 1.0nF, Figure 17
2pC
VISO
Off-Isolation
VCC = 5V, f = 100kHz, VCOM_ = 1VRMS, RL =
50
Ω, CL = 5pF, Figure 18
-65
dB
VCT
Crosstalk
VCC = 5V, f = 100kHz, VCOM_ = 1VRMS, RL =
50
Ω, CL = 5pF, Figure 18
-90
dB
PSRR
Power-Supply
Rejection Ratio
f = 10kHz, VCOM_ = 1VRMS, RL = 50Ω, CL = 5pF
70
dB
BW
On-Channel-3dB
Bandwidth
VCC = 5V, Signal = 0dBm, RL = 50Ω, CL = 5pF,
Figure 18
31
MHz
THD
Total Harmonic
Distortion
f = 20Hz to 20kHz, VCOM_ = 0.5VP-P, DC Bias =
0, RL = 32Ω
0.01
%
CNO_(Off)
CNC_(Off)
NO_, NC_ Off-
Capacitance
f = 1MHz, VCOM_ = 0.5VP-P, DC Bias = 0
63
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com