Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1306EF-3 Datasheet (PDF) - Electronic Film Capacitors, Inc.

1306EF-3 Datasheet PDF - Electronic Film Capacitors, Inc.
Part # 1306EF-3
Download  1306EF-3 Download
File Size   12.41 Kbytes
Page   1 Pages
Manufacturer  EFC [Electronic Film Capacitors, Inc.]
Direct Link  http://www.filmcapacitors.com
Logo EFC - Electronic Film Capacitors, Inc.
Description Polyester (Mylar) and Foil Capacitors

1306EF-3 Datasheet (PDF)

Go To PDF Page Download Datasheet
1306EF-3 Datasheet PDF - Electronic Film Capacitors, Inc.

Part # 1306EF-3
Download  1306EF-3 Click to download

File Size   12.41 Kbytes
Page   1 Pages
Manufacturer  EFC [Electronic Film Capacitors, Inc.]
Direct Link  http://www.filmcapacitors.com
Logo EFC - Electronic Film Capacitors, Inc.
Description Polyester (Mylar) and Foil Capacitors

1306EF-3 Datasheet (HTML) - Electronic Film Capacitors, Inc.


1306EF-3 Product details

Polyester (Mylar®) and Foil Capacitors

Lead Specs.
Tinned Copperweld
Under .190T = 24 AWG
.190 - .380T = 22 AWG
Above .380T = 20 AWG




Similar Part No. - 1306EF-3

ManufacturerPart #DatasheetDescription
logo
Electronic Film Capacit...
1306EFR-1 EFC-1306EFR-1 Datasheet
14Kb / 1P
Polyester (Mylar) and Foil Capacitors
1306EFR-2 EFC-1306EFR-2 Datasheet
14Kb / 1P
Polyester (Mylar) and Foil Capacitors
1306EFR-3 EFC-1306EFR-3 Datasheet
14Kb / 1P
Polyester (Mylar) and Foil Capacitors
1306EFR-3-0.01-1-01 EFC-1306EFR-3-0.01-1-01 Datasheet
58Kb / 9P
POLYESTER (MYLAR) and FOIL
1306EFR-3-0.01-1-02 EFC-1306EFR-3-0.01-1-02 Datasheet
58Kb / 9P
POLYESTER (MYLAR) and FOIL
More results


Similar Description - 1306EF-3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WMC08D1K-F ETC2-WMC08D1K-F Datasheet
137Kb / 2P
Polyester Film/Foil Capacitors
logo
Cornell Dubilier Electr...
PVC1118 CDE-PVC1118 Datasheet
289Kb / 6P
Polyester and Polypropylene Film/Foil Capacitors
WMC08D1K-F CDE-WMC08D1K-F Datasheet
137Kb / 2P
Polyester Film/Foil Capacitors
logo
Electronic Film Capacit...
1306 EFC-1306 Datasheet
58Kb / 9P
POLYESTER (MYLAR) and FOIL
1306DFR EFC-1306DFR Datasheet
14Kb / 1P
Polyester (Mylar) and Foil Capacitors
1306EC EFC-1306EC Datasheet
12Kb / 1P
Polyester (Mylar) and Foil Capacitors
1306EFRA EFC-1306EFRA Datasheet
14Kb / 1P
Polyester (Mylar) and Foil Capacitors
1306EFRB EFC-1306EFRB Datasheet
15Kb / 1P
Polyester (Mylar) and Foil Capacitors
1306TC EFC-1306TC Datasheet
12Kb / 1P
Polyester (Mylar) and Foil Capacitors
1306TF EFC-1306TF Datasheet
13Kb / 1P
Polyester (Mylar) and Foil Capacitors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com