Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1313EC Datasheet (PDF) - Electronic Film Capacitors, Inc.

1313EC Datasheet PDF - Electronic Film Capacitors, Inc.
Part # 1313EC
Download  1313EC Download
File Size   11.96 Kbytes
Page   1 Pages
Manufacturer  EFC [Electronic Film Capacitors, Inc.]
Direct Link  http://www.filmcapacitors.com
Logo EFC - Electronic Film Capacitors, Inc.
Description Metallized Polyester Capacitors

1313EC Datasheet (PDF)

Go To PDF Page Download Datasheet
1313EC Datasheet PDF - Electronic Film Capacitors, Inc.

Part # 1313EC
Download  1313EC Click to download

File Size   11.96 Kbytes
Page   1 Pages
Manufacturer  EFC [Electronic Film Capacitors, Inc.]
Direct Link  http://www.filmcapacitors.com
Logo EFC - Electronic Film Capacitors, Inc.
Description Metallized Polyester Capacitors

1313EC Datasheet (HTML) - Electronic Film Capacitors, Inc.


1313EC Product details

EFC Series 1313 are metallized polyester capacitors. This series offers the advantage of small size, self healing and low cost. Suggested applications include: medical electronics, telecommunications and high voltage power supplies. Packaging options include: wrap and fill (TF, TC), radial lead box (EFR), axial lead (EC, EF). Application options include: high voltage (HV), "AC" across the line (AC), noise suppression (RC) and switching power supply (SP).
   
1. TEMPERATURE RANGE
    - 55 °C to + 85 °C at rated voltage.
    To 125 °C at 50% derating.
2. CAPACITANCE
    Capacitors < 1.0 MFD shall be measured
    at 1 KHz + 20 HZ. Capacitors >1.0 MFD
    shall be measured at 120 HZ. Measurements
    shall be taken at 25 °C.
3. DIELECTRIC STRENGTH
    At 25 °C, 150% of rated voltage when applied
    terminal to terminal for one minute through a
    current limiting resistance.
4. INSULATION RESISTANCE
    At 25 °C after 2 minutes charge time at rated voltage
    or 500 VDC, whichever is less, the minimum IR shall
    be 30,000 Megohm-Microfarad, but need not exceed
    50,000 Megohms for voltages greater than 50 VDC,
    and 15,000 Megohm-Microfarads, but need not exceed
    30,000 Megohms for 50 VDC or less.
5. HUMIDITY RESISTANCE
    Series 1313 shall meet the requirements
    of MIL-STD. 202C, Method 103B.
6. DISSIPATION FACTOR
    Shall be 1.0 % max. when measured as in Par. 2.
7. LIFE TEST
    Will withstand the application of 150% rated voltage at +125 °C for 250 hours
    with not more than one failure in 12 permitted.
   




Similar Part No. - 1313EC

ManufacturerPart #DatasheetDescription
logo
Electronic Film Capacit...
1313EC-3-0.01-1-01 EFC-1313EC-3-0.01-1-01 Datasheet
58Kb / 9P
POLYESTER (MYLAR) and FOIL
1313EC-3-0.01-1-02 EFC-1313EC-3-0.01-1-02 Datasheet
58Kb / 9P
POLYESTER (MYLAR) and FOIL
1313EC-3-0.01-1-41 EFC-1313EC-3-0.01-1-41 Datasheet
58Kb / 9P
POLYESTER (MYLAR) and FOIL
1313EC-3-0.01-1-42 EFC-1313EC-3-0.01-1-42 Datasheet
58Kb / 9P
POLYESTER (MYLAR) and FOIL
1313EC-3-0.1-1-01 EFC-1313EC-3-0.1-1-01 Datasheet
54Kb / 9P
METALLIZED POLYPROPYLENE
More results


Similar Description - 1313EC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MKT370 PHILIPS-MKT370 Datasheet
1Mb / 74P
Metallized polyester film capacitors
2001 Jun 22
logo
List of Unclassifed Man...
MKS02 ETC-MKS02 Datasheet
35Kb / 2P
Metallized polyester capacitors
logo
RUBYCON CORPORATION
MMK RUBYCON-MMK Datasheet
45Kb / 2P
METALLIZED POLYESTER FILM CAPACITORS
logo
List of Unclassifed Man...
MKT365 ETC2-MKT365 Datasheet
181Kb / 30P
Metallized polyester film capacitors
logo
Electronic Film Capacit...
1313EF EFC-1313EF Datasheet
12Kb / 1P
Metallized Polyester Capacitors
1313EFR EFC-1313EFR Datasheet
13Kb / 1P
Metallized Polyester Capacitors
1313TC EFC-1313TC Datasheet
12Kb / 1P
Metallized Polyester Capacitors
1313TF EFC-1313TF Datasheet
12Kb / 1P
Metallized Polyester Capacitors
AC1313TF EFC-AC1313TF Datasheet
11Kb / 1P
Metallized Polyester Capacitors
SP1313TF EFC-SP1313TF Datasheet
13Kb / 1P
Metallized Polyester Capacitors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com