Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1313TF Datasheet (PDF) - Electronic Film Capacitors, Inc.

1313TF Datasheet PDF - Electronic Film Capacitors, Inc.
Part # 1313TF
Download  1313TF Download
File Size   12.75 Kbytes
Page   1 Pages
Manufacturer  EFC [Electronic Film Capacitors, Inc.]
Direct Link  http://www.filmcapacitors.com
Logo EFC - Electronic Film Capacitors, Inc.
Description Metallized Polyester Capacitors

1313TF Datasheet (PDF)

Go To PDF Page Download Datasheet
1313TF Datasheet PDF - Electronic Film Capacitors, Inc.

Part # 1313TF
Download  1313TF Click to download

File Size   12.75 Kbytes
Page   1 Pages
Manufacturer  EFC [Electronic Film Capacitors, Inc.]
Direct Link  http://www.filmcapacitors.com
Logo EFC - Electronic Film Capacitors, Inc.
Description Metallized Polyester Capacitors

1313TF Datasheet (HTML) - Electronic Film Capacitors, Inc.


1313TF Product details

Metallized Polyester Capacitors

Oval Wrap and Fill

Lead Specs.
Tinned Copperweld
Under .190T = 24 AWG
.190 - .380T = 22 AWG
Above .380T = 20 AWG




Similar Part No. - 1313TF

ManufacturerPart #DatasheetDescription
logo
Electronic Film Capacit...
1313TF-3-0.01-1-01 EFC-1313TF-3-0.01-1-01 Datasheet
58Kb / 9P
POLYESTER (MYLAR) and FOIL
1313TF-3-0.01-1-02 EFC-1313TF-3-0.01-1-02 Datasheet
58Kb / 9P
POLYESTER (MYLAR) and FOIL
1313TF-3-0.01-1-41 EFC-1313TF-3-0.01-1-41 Datasheet
58Kb / 9P
POLYESTER (MYLAR) and FOIL
1313TF-3-0.01-1-42 EFC-1313TF-3-0.01-1-42 Datasheet
58Kb / 9P
POLYESTER (MYLAR) and FOIL
1313TF-3-0.1-1-01 EFC-1313TF-3-0.1-1-01 Datasheet
54Kb / 9P
METALLIZED POLYPROPYLENE
More results


Similar Description - 1313TF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MKT370 PHILIPS-MKT370 Datasheet
1Mb / 74P
Metallized polyester film capacitors
2001 Jun 22
logo
List of Unclassifed Man...
MKS02 ETC-MKS02 Datasheet
35Kb / 2P
Metallized polyester capacitors
logo
RUBYCON CORPORATION
MMK RUBYCON-MMK Datasheet
45Kb / 2P
METALLIZED POLYESTER FILM CAPACITORS
logo
List of Unclassifed Man...
MKT365 ETC2-MKT365 Datasheet
181Kb / 30P
Metallized polyester film capacitors
logo
Electronic Film Capacit...
1313EC EFC-1313EC Datasheet
11Kb / 1P
Metallized Polyester Capacitors
1313EF EFC-1313EF Datasheet
12Kb / 1P
Metallized Polyester Capacitors
1313EFR EFC-1313EFR Datasheet
13Kb / 1P
Metallized Polyester Capacitors
1313TC EFC-1313TC Datasheet
12Kb / 1P
Metallized Polyester Capacitors
AC1313TF EFC-AC1313TF Datasheet
11Kb / 1P
Metallized Polyester Capacitors
SP1313TF EFC-SP1313TF Datasheet
13Kb / 1P
Metallized Polyester Capacitors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com