Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3910-BQFP Datasheet (PDF) - ams AG

AS3910-BQFP Datasheet PDF - ams AG
Part # AS3910-BQFP
Download  AS3910-BQFP Download
File Size   1195.26 Kbytes
Page   47 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description 13.56 MHz RFID Reader IC, ISO-14443 A/B

AS3910-BQFP Datasheet (PDF)

Go To PDF Page Download Datasheet
AS3910-BQFP Datasheet PDF - ams AG

Part # AS3910-BQFP
Download  AS3910-BQFP Click to download

File Size   1195.26 Kbytes
Page   47 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description 13.56 MHz RFID Reader IC, ISO-14443 A/B

AS3910-BQFP Datasheet (HTML) - ams AG


AS3910-BQFP Product details

General Description
The AS3909/10 is a high performance 13.56MHz HF RFID Reader IC. The AS3909/10 is unequalled in the domain of HF Reader ICs; it contains two differential low impedance (1.5Ω) antenna drivers. These drivers are unmatched, which means that the IC can deliver up to 8 times the output power of a standard HF Reader IC using the same power supply voltage. Additionally using this configuration means half of the power consumption at the same output power. The IC has an operating voltage down to 2.4V and a low power operating mode of 5mA. This means the AS3909/10 is ideal for portable or battery powered applications.

Features
Close loop adjustment of ASK modulation for accurate control of modulation depth in case of ISO-14443B protocol
Low power (3.5μA) NFC target mode
AM/PM demodulator
Accurate RF envelope measurement (8 bit A/D)
High output power at 3.3V power supply:
   • Up to 700mW in case regulator is externally shorted
   • Up to 500mW in case differential output and antenna trimming is used
   • Up to 125mW in case of single ended output and antenna trimming is used
Squelch feature which performs gain reduction to compensate for noise generated by transponder processing




Similar Part No. - AS3910-BQFP

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3910-BQFT AMSCO-AS3910-BQFT Datasheet
576Kb / 77P
13.56 MHz RFID Reader IC, ISO-14443 A/B
More results


Similar Description - AS3910-BQFP

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88RF1354 ATMEL-AT88RF1354 Datasheet
581Kb / 50P
13.56 MHz Type B RF Reader Specification
AT88RF1354 ATMEL-AT88RF1354_09 Datasheet
726Kb / 48P
13.56 MHz Type B RF Reader Specification
logo
Texas Instruments
TRF7960A TI-TRF7960A Datasheet
2Mb / 68P
MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC
TRF7962A TI-TRF7962A Datasheet
2Mb / 63P
FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC FOR ISO15693/ISO18000-3 STANDARDS
TRF7963A TI-TRF7963A Datasheet
2Mb / 62P
FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC FOR ISO14443A,B/NFC STANDARDS
TRF7964A TI1-TRF7964A Datasheet
2Mb / 76P
MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC
logo
NXP Semiconductors
MFRC53001T PHILIPS-MFRC53001T Datasheet
828Kb / 116P
ISO/IEC 14443 A Reader IC
Rev. 3.3-6 July 2010
logo
ams AG
AS3909 AMSCO-AS3909 Datasheet
576Kb / 77P
13.56 MHz RFID Reader IC, ISO-14443 A/B
logo
NXP Semiconductors
MFRC531 NXP-MFRC531 Datasheet
702Kb / 117P
Standard ISO/IEC 14443 A/B reader solution
Rev. 3.7-30 June 2015
logo
Schneider Electric
XGW4F111 SCHNEIDER-XGW4F111 Datasheet
73Kb / 2P
OsiSense XG RFID Wand reader - 13.56 MHz
Jan 7, 2021
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com