Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHA2295 Datasheet (PDF) - United Monolithic Semiconductors

CHA2295 Datasheet PDF - United Monolithic Semiconductors
Part # CHA2295
Download  CHA2295 Download
File Size   114.86 Kbytes
Page   7 Pages
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors
Description 6 - 11GHz Buffer Splitter Amplifier

CHA2295 Datasheet (PDF)

Go To PDF Page Download Datasheet
CHA2295 Datasheet PDF - United Monolithic Semiconductors

Part # CHA2295
Download  CHA2295 Click to download

File Size   114.86 Kbytes
Page   7 Pages
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors
Description 6 - 11GHz Buffer Splitter Amplifier

CHA2295 Datasheet (HTML) - United Monolithic Semiconductors


CHA2295 Product details

Description
The CHA2295 is a broadband buffer splitter three-stage monolithic amplifier.
It is designed for a wide range of applications, from military to commercial communication systems. The backside of the chip is both RF and DC grounds. This helps to simplify the assembly process.

Main Features
■ Broadband performance: 6-11GHz
■ 14dBm saturated output power.
■ 18dB ±1.5dB gain flatness
■ Good broadband matching
■ Low DC power consumption: 160mA @ 3.5V
■ Chip size: 2.26 X 1.33 X 0.10 mm




Similar Part No. - CHA2295

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2295 UMS-CHA2295 Datasheet
189Kb / 6P
6-11GHz Buffer Splitter Amplifier
CHA2295-99F/00 UMS-CHA2295-99F/00 Datasheet
189Kb / 6P
6-11GHz Buffer Splitter Amplifier
CHA2295 UMS-CHA2295_07 Datasheet
189Kb / 6P
6-11GHz Buffer Splitter Amplifier
More results


Similar Description - CHA2295

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2296 UMS-CHA2296 Datasheet
111Kb / 7P
9- 19GHz Buffer Splitter Amplifier
logo
Tyco Electronics
MAAM71100 MACOM-MAAM71100 Datasheet
203Kb / 2P
GaAs MMIC Power Amplifier 7-11GHz
logo
Intersil Corporation
ISL3092 INTERSIL-ISL3092 Datasheet
24Kb / 1P
11GHz VCO
June 2003
logo
United Monolithic Semic...
CHA2295 UMS-CHA2295_07 Datasheet
189Kb / 6P
6-11GHz Buffer Splitter Amplifier
logo
TriQuint Semiconductor
TGA2623 TRIQUINT-TGA2623_15 Datasheet
580Kb / 14P
10 to 11GHz 35W GaN Power Amplifier
TGA2625 TRIQUINT-TGA2625_15 Datasheet
615Kb / 14P
10 to 11GHz 20W GaN Power Amplifier
logo
United Monolithic Semic...
CHA4250-QDG UMS-CHA4250-QDG_15 Datasheet
578Kb / 14P
5.5-11GHz Medium Power Amplifier
CHA1010-99F UMS-CHA1010-99F Datasheet
892Kb / 10P
7-11GHz Low Noise Amplifier
logo
Qorvo, Inc
TGA2623 QORVO-TGA2623 Datasheet
580Kb / 14P
10 ??11GHz 35W GaN Power Amplifier
logo
Pepperl+Fuchs Inc.
S1SD-1AI-2U PF-S1SD-1AI-2U Datasheet
820Kb / 4P
Isolating Amplifier/Splitter
2022-01-10
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com