Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHA2296 Datasheet (PDF) - United Monolithic Semiconductors

CHA2296 Datasheet PDF - United Monolithic Semiconductors
Part # CHA2296
Download  CHA2296 Download
File Size   111.23 Kbytes
Page   7 Pages
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors
Description 9- 19GHz Buffer Splitter Amplifier

CHA2296 Datasheet (PDF)

Go To PDF Page Download Datasheet
CHA2296 Datasheet PDF - United Monolithic Semiconductors

Part # CHA2296
Download  CHA2296 Click to download

File Size   111.23 Kbytes
Page   7 Pages
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors
Description 9- 19GHz Buffer Splitter Amplifier

CHA2296 Datasheet (HTML) - United Monolithic Semiconductors


CHA2296 Product details

Description
The CHA2296 is a broadband buffer splitter three-stage monolithic amplifier. It is designed for a wide range of applications, from military to commercial communication systems. The backside of the chip is both RF and DC grounds. This helps simplify the assembly process.

Main Features
■ Broadband performance : 9-19GHz
■ 14dBm saturated output power.
■ 16dB ±1.5dB gain
■ Very good broadband matching
■ Low DC power consumption, 190mA @ 3.5V
■ Chip size : 2.26 X 1.33 X 0.10 mm




Similar Part No. - CHA2296

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2290 UMS-CHA2290 Datasheet
128Kb / 8P
10-18GHz Low Noise, Variable Gain Amplifier
CHA2291 UMS-CHA2291 Datasheet
136Kb / 6P
10-18GHz Low Noise, Variable Gain Amplifier
CHA2291 UMS-CHA2291 Datasheet
413Kb / 8P
10-18GHz Low Noise, Variable Gain Amplifier
CHA2291-99F/00 UMS-CHA2291-99F/00 Datasheet
136Kb / 6P
10-18GHz Low Noise, Variable Gain Amplifier
CHA2291-99F/00 UMS-CHA2291-99F/00 Datasheet
413Kb / 8P
10-18GHz Low Noise, Variable Gain Amplifier
More results


Similar Description - CHA2296

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6009 NSC-LMC6009 Datasheet
115Kb / 7P
9 Channel Buffer Amplifier for TFT-LCD
logo
ON Semiconductor
MC10E122 ONSEMI-MC10E122 Datasheet
94Kb / 4P
9-BIT BUFFER
1996 REV 2
logo
United Monolithic Semic...
CHA2295 UMS-CHA2295 Datasheet
114Kb / 7P
6 - 11GHz Buffer Splitter Amplifier
logo
Micrel Semiconductor
SY100S322 MICREL-SY100S322 Datasheet
94Kb / 5P
9-BIT BUFFER
SY10E122 MICREL-SY10E122 Datasheet
60Kb / 4P
9-BIT BUFFER
logo
National Semiconductor ...
F100122 NSC-F100122 Datasheet
90Kb / 3P
9-BIT BUFFER
logo
Micrel Semiconductor
SY100S322 MICREL-SY100S322_06 Datasheet
83Kb / 6P
9-BIT BUFFER
logo
United Monolithic Semic...
CHA2295 UMS-CHA2295_07 Datasheet
189Kb / 6P
6-11GHz Buffer Splitter Amplifier
logo
Micrel Semiconductor
SY100S322 MICREL-SY100S322_07 Datasheet
77Kb / 4P
9-BIT BUFFER
logo
Pepperl+Fuchs Inc.
S1SD-1AI-2U PF-S1SD-1AI-2U Datasheet
820Kb / 4P
Isolating Amplifier/Splitter
2022-01-10
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com