Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHM1290 Datasheet (PDF) - United Monolithic Semiconductors

CHM1290 Datasheet PDF - United Monolithic Semiconductors
Part # CHM1290
Download  CHM1290 Download
File Size   116.0 Kbytes
Page   6 Pages
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors
Description 20-30GHz SUB-HARMONICALLY PUMPED MIXER

CHM1290 Datasheet (PDF)

Go To PDF Page Download Datasheet
CHM1290 Datasheet PDF - United Monolithic Semiconductors

Part # CHM1290
Download  CHM1290 Click to download

File Size   116.0 Kbytes
Page   6 Pages
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors
Description 20-30GHz SUB-HARMONICALLY PUMPED MIXER

CHM1290 Datasheet (HTML) - United Monolithic Semiconductors


CHM1290 Product details

Description

The CHM1290 is a MFC which integrates a self biased LO buffer amplifier and a sub harmonically diodes mixer for 2LO suppression It is usable both for up-conversion and down conversion. It is designed for a wide range of applications, typically commercial communication systems for broadband local access (LMDS). The backside of the chip is both RF and DC grounds. This helps simplify the assembly process. The circuit is manufactured with a PM-HEMT process, 0.25µm gate length, capacities over via holes, via holes through the substrate, air bridges and electron beam gate lithography. It is available in chip form.



Main Features

•  Broadband performance : 20-30GHz

•  10dB conversion Loss

•  29dB 2LO to RF isolation

•  -4dBm LO input power

•  -3dBm input power 1 dB compression

•  Low DC power consumption, 33mA@4.0V

•  Chip size : 0.86 X 1.28 X 0.10 mm




Similar Part No. - CHM1290

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHM1290-99F UMS-CHM1290-99F Datasheet
242Kb / 6P
20-30GHz Sub-Harmonic Mixer
CHM1290-99F UMS-CHM1290-99F_15 Datasheet
242Kb / 6P
20-30GHz Sub-Harmonic Mixer
CHM1290REF UMS-CHM1290REF Datasheet
199Kb / 8P
20-30GHz SUB-HARMONICALLY PUMPED MIXER
CHM1290REF/24 UMS-CHM1290REF/24 Datasheet
199Kb / 8P
20-30GHz SUB-HARMONICALLY PUMPED MIXER
More results


Similar Description - CHM1290

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHM1290REF UMS-CHM1290REF Datasheet
199Kb / 8P
20-30GHz SUB-HARMONICALLY PUMPED MIXER
logo
Hittite Microwave Corpo...
HMC264 HITTITE-HMC264 Datasheet
311Kb / 8P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 32 GHz
HMC266 HITTITE-HMC266 Datasheet
168Kb / 6P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 40 GHz
HMC330 HITTITE-HMC330 Datasheet
165Kb / 6P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 25 - 40 GHz
HMC264 HITTITE-HMC264_08 Datasheet
323Kb / 8P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 32 GHz
HMC266 HITTITE-HMC266_06 Datasheet
276Kb / 6P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 40 GHz
HMC264 HITTITE-HMC264_09 Datasheet
338Kb / 8P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 32 GHz
HMC266 HITTITE-HMC266_09 Datasheet
221Kb / 6P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 40 GHz
HMC339 HITTITE-HMC339_09 Datasheet
307Kb / 8P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 33 - 42 GHz
logo
Analog Devices
HMC338 AD-HMC338 Datasheet
412Kb / 8P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 26 - 33 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com