Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHM1290REF Datasheet (PDF) - United Monolithic Semiconductors

CHM1290REF Datasheet PDF - United Monolithic Semiconductors
Part # CHM1290REF
Download  CHM1290REF Download
File Size   199.04 Kbytes
Page   8 Pages
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors
Description 20-30GHz SUB-HARMONICALLY PUMPED MIXER

CHM1290REF Datasheet (PDF)

Go To PDF Page Download Datasheet
CHM1290REF Datasheet PDF - United Monolithic Semiconductors

Part # CHM1290REF
Download  CHM1290REF Click to download

File Size   199.04 Kbytes
Page   8 Pages
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors
Description 20-30GHz SUB-HARMONICALLY PUMPED MIXER

CHM1290REF Datasheet (HTML) - United Monolithic Semiconductors


CHM1290REF Product details

GaAs Monolithic Microwave IC in SMD leadless package



Description

The monolithic microwave IC (MMIC) in the package is a multi-function chip which integrates a self biased LO buffer amplifier and a sub-harmonic diode mixer for 2LO suppression. It is usable both for up- and down-conversion and it is designed for a wide range of applications, typically

commercial communication systems for broadband local access (LMDS). The circuit is manufactured with a PM HEMT process, 0.25µm gate length, via holes through the substrate, air bridges and electron beam gate lithography. It is supplied in a new SMD-type leadless chip carrier.



Main Features

•  Broadband performance : 20-30GHz

•  10.5 dB conversion Loss

•  -25dBm 2LO Power @ RF port

•  -4dBm LO input power

•  -3dBm input power 1dB compression

•  Low DC power consumption,33mA@ 3.0V




Similar Part No. - CHM1290REF

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHM1290 UMS-CHM1290 Datasheet
116Kb / 6P
20-30GHz SUB-HARMONICALLY PUMPED MIXER
CHM1290-99F UMS-CHM1290-99F Datasheet
242Kb / 6P
20-30GHz Sub-Harmonic Mixer
CHM1290-99F/00 UMS-CHM1290-99F/00 Datasheet
116Kb / 6P
20-30GHz SUB-HARMONICALLY PUMPED MIXER
CHM1290-99F UMS-CHM1290-99F_15 Datasheet
242Kb / 6P
20-30GHz Sub-Harmonic Mixer
More results


Similar Description - CHM1290REF

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHM1290 UMS-CHM1290 Datasheet
116Kb / 6P
20-30GHz SUB-HARMONICALLY PUMPED MIXER
logo
Hittite Microwave Corpo...
HMC264 HITTITE-HMC264 Datasheet
311Kb / 8P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 32 GHz
HMC266 HITTITE-HMC266 Datasheet
168Kb / 6P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 40 GHz
HMC330 HITTITE-HMC330 Datasheet
165Kb / 6P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 25 - 40 GHz
HMC264 HITTITE-HMC264_08 Datasheet
323Kb / 8P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 32 GHz
HMC266 HITTITE-HMC266_06 Datasheet
276Kb / 6P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 40 GHz
HMC264 HITTITE-HMC264_09 Datasheet
338Kb / 8P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 32 GHz
HMC266 HITTITE-HMC266_09 Datasheet
221Kb / 6P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 40 GHz
HMC339 HITTITE-HMC339_09 Datasheet
307Kb / 8P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 33 - 42 GHz
logo
Analog Devices
HMC338 AD-HMC338 Datasheet
412Kb / 8P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 26 - 33 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com