Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHM1290REF Datasheet(PDF) 5 Page - United Monolithic Semiconductors

Part # CHM1290REF
Description  20-30GHz SUB-HARMONICALLY PUMPED MIXER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHM1290REF Datasheet(HTML) 5 Page - United Monolithic Semiconductors

  CHM1290REF Datasheet HTML 1Page - United Monolithic Semiconductors CHM1290REF Datasheet HTML 2Page - United Monolithic Semiconductors CHM1290REF Datasheet HTML 3Page - United Monolithic Semiconductors CHM1290REF Datasheet HTML 4Page - United Monolithic Semiconductors CHM1290REF Datasheet HTML 5Page - United Monolithic Semiconductors CHM1290REF Datasheet HTML 6Page - United Monolithic Semiconductors CHM1290REF Datasheet HTML 7Page - United Monolithic Semiconductors CHM1290REF Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
20-30GHz SHP Mixer
CHM1290REF
Ref. : DSCCHM1290REF2239 -27-Aug.-02
5/6
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Application note
The design of the motherboard has a strong impact on the over all performance since
the transition from the motherboard to the package is comparably large. In case of
the SMD-type packages of United Monolithic Semiconductors the motherboard
should be designed according to the information given in the following to achieve
good performance. Other configurations are also possible but can lead to different
results. If you need advise please contact United Monolithic Semiconductors for
further information.
SMD-type packages of UMS should allow design and fabrication of micro- and mm-
wave modules at low cost. Therefore, a suitable motherboard environment has been
chosen. All tests and verifications have been performed on Rogers RO4003. This
material exhibits a permittivity of 3.38 and has been used with a thickness of 200µm
[8 mils] and a 1/2oz or less copper cladding. The corresponding 50 Ohm
transmission line has a strip width of about 460µm [approx. 18 mils].
The contact areas on the motherboard for the package connections should be
designed according to the footprint given above. The proper via structure under the
ground pad is very important in order to achieve a good RF and lifetime performance.
All tests have been done by using a grid of plenty plated through vias with a diameter
of less than 200µm [8 mils] and a spacing of less than 400µm [16 mils] from the
centres of two adjacent vias. The via grid should cover the whole space under the
ground pad and the vias closest to the RF ports should be located near the edge of
the pad to allow a good RF ground connection. Since the vias are important for heat
transfer, a proper via filling should be guaranteed during the mounting procedure to
get a low thermal resistance between package and heat sink. For power devices the
use of heat slugs in the motherboard instead of a via grid is recommended.
For the mounting process the SMD-type package can be handled as a standard
surface mount component. The use of either solder or conductive epoxy is possible.
The solder thickness after reflow should be typical 50µm [2 mils] and the lateral
alignment between the package and the motherboard should be within 50µm [2 mils].
Caution should be taken to obtain a good and reliable contact over the whole pad
areas. Voids or other improper connections, in particular, between the ground pads of
motherboard and package will lead to a deterioration of the RF performance and the
heat dissipation. The latter effect can reduce drastically reliability and lifetime of the
product.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com