Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHM1290REF Datasheet(PDF) 1 Page - United Monolithic Semiconductors

Part # CHM1290REF
Description  20-30GHz SUB-HARMONICALLY PUMPED MIXER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHM1290REF Datasheet(HTML) 1 Page - United Monolithic Semiconductors

  CHM1290REF Datasheet HTML 1Page - United Monolithic Semiconductors CHM1290REF Datasheet HTML 2Page - United Monolithic Semiconductors CHM1290REF Datasheet HTML 3Page - United Monolithic Semiconductors CHM1290REF Datasheet HTML 4Page - United Monolithic Semiconductors CHM1290REF Datasheet HTML 5Page - United Monolithic Semiconductors CHM1290REF Datasheet HTML 6Page - United Monolithic Semiconductors CHM1290REF Datasheet HTML 7Page - United Monolithic Semiconductors CHM1290REF Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CHM1290REF
Ref.: DSCCHM1290REF2239 -27-Aug.-02
1/6
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
20-30GHz SUB-HARMONICALLY PUMPED MIXER
GaAs Monolithic Microwave IC in SMD leadless package
Description
The monolithic microwave IC (MMIC) in the
package is a multi-function chip which
integrates a self biased LO buffer amplifier
and a sub-harmonic diode mixer for 2LO
suppression. It is usable both for up- and
down-conversion and it is designed for a
wide
range
of
applications,
typically
commercial
communication
systems
for
broadband local access (LMDS).
The circuit is manufactured with a PM-
HEMT process, 0.25µm gate length, via
holes through the substrate, air bridges and
electron
beam
gate
lithography.
It
is
supplied in a new SMD-type leadless chip
carrier.
Main Features
• Broadband performance : 20-30GHz
• 10.5 dB conversion Loss
• -25dBm 2LO Power @ RF port
• -4dBm LO input power
• -3dBm input power 1dB compression
• Low DC power consumption,
33mA@ 3.0V
• Dimensions: 5.08 x 5.08 x 0.97 mm3
SMD Package Dimensions


Similar Part No. - CHM1290REF

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHM1290 UMS-CHM1290 Datasheet
116Kb / 6P
20-30GHz SUB-HARMONICALLY PUMPED MIXER
CHM1290-99F UMS-CHM1290-99F Datasheet
242Kb / 6P
20-30GHz Sub-Harmonic Mixer
CHM1290-99F/00 UMS-CHM1290-99F/00 Datasheet
116Kb / 6P
20-30GHz SUB-HARMONICALLY PUMPED MIXER
CHM1290-99F UMS-CHM1290-99F_15 Datasheet
242Kb / 6P
20-30GHz Sub-Harmonic Mixer
More results

Similar Description - CHM1290REF

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHM1290 UMS-CHM1290 Datasheet
116Kb / 6P
20-30GHz SUB-HARMONICALLY PUMPED MIXER
logo
Hittite Microwave Corpo...
HMC264 HITTITE-HMC264 Datasheet
311Kb / 8P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 32 GHz
HMC266 HITTITE-HMC266 Datasheet
168Kb / 6P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 40 GHz
HMC330 HITTITE-HMC330 Datasheet
165Kb / 6P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 25 - 40 GHz
HMC264 HITTITE-HMC264_08 Datasheet
323Kb / 8P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 32 GHz
HMC266 HITTITE-HMC266_06 Datasheet
276Kb / 6P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 40 GHz
HMC264 HITTITE-HMC264_09 Datasheet
338Kb / 8P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 32 GHz
HMC266 HITTITE-HMC266_09 Datasheet
221Kb / 6P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 40 GHz
HMC339 HITTITE-HMC339_09 Datasheet
307Kb / 8P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 33 - 42 GHz
logo
Analog Devices
HMC338 AD-HMC338 Datasheet
412Kb / 8P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 26 - 33 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com