Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHM1290REF Datasheet(PDF) 2 Page - United Monolithic Semiconductors

Part # CHM1290REF
Description  20-30GHz SUB-HARMONICALLY PUMPED MIXER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHM1290REF Datasheet(HTML) 2 Page - United Monolithic Semiconductors

  CHM1290REF Datasheet HTML 1Page - United Monolithic Semiconductors CHM1290REF Datasheet HTML 2Page - United Monolithic Semiconductors CHM1290REF Datasheet HTML 3Page - United Monolithic Semiconductors CHM1290REF Datasheet HTML 4Page - United Monolithic Semiconductors CHM1290REF Datasheet HTML 5Page - United Monolithic Semiconductors CHM1290REF Datasheet HTML 6Page - United Monolithic Semiconductors CHM1290REF Datasheet HTML 7Page - United Monolithic Semiconductors CHM1290REF Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CHM1290REF
20-30GHz SHP Mixer
Ref. : DSCCHM1290REF2239 -27-Aug.-02
2/6
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Schematic
Typical Bias Conditions
For an ambient temperature of +25
°C
Symbol
Pin No
Parameter
Values
Unit
Vd
3
Drain bias Voltage
4
V
Id
3
Drain current
33
mA
Absolute Maximun Ratings (1)
Tamb. = 25°C
Symbol
Parameter
Values
Unit
Vd
Drain bias voltage
5
V
Pin
Maximum peak input overdive (2)
8
dBm
Top
Operating temperature range (3)
-55 to 85
ºC
Tstg
Storage temperature range
-55 to 125
ºC
(1) Operation of the device above anyone of these parameters may cause permanent damage
(2) Duration <1s
(3) Upper temperature limit strongly dependent on motherboard design; ratings given for ideal
thermal coupling.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com