Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPS-9110VW-2RG Datasheet (PDF) - Optoway Technology Inc

SPS-9110VW-2RG Datasheet PDF - Optoway Technology Inc
Part # SPS-9110VW-2RG
Download  SPS-9110VW-2RG Download
File Size   139.52 Kbytes
Page   5 Pages
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc
Description 1260 to 1620 nm / 3 Gb/s Dual Optical SM Digital Diagnostic Receiver

SPS-9110VW-2RG Datasheet (PDF)

Go To PDF Page Download Datasheet
SPS-9110VW-2RG Datasheet PDF - Optoway Technology Inc

Part # SPS-9110VW-2RG
Download  SPS-9110VW-2RG Click to download

File Size   139.52 Kbytes
Page   5 Pages
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc
Description 1260 to 1620 nm / 3 Gb/s Dual Optical SM Digital Diagnostic Receiver

SPS-9110VW-2RG Datasheet (HTML) - Optoway Technology Inc


SPS-9110VW-2RG Product details

DESCRIPTION

The  SPS- 9110VW-2RG  is  a  dual  channel  optical  single mode  receiver  module  designed  to  receive  optical   serial digital  signals  as  defined  in  SMPTE  297-2006.   It   supports from  50  Mbps  t o  3  Gbps  and  i s  specifically   designed  for received the SMPTE  259M, SMPTE  344M, SMPTE 292M and SMPTE 424M SDI  pathological  patt erns.  It   is with the SFP  20-pin  connector  to  allow  hot  plug  capability .  Digital diagnostic functions are available via an I2C.



FEATURES

SMPTE 297-2006 Compliant

Speed f rom 50 Mbps t o 3Gbps

Support Vi deo Pat hological Pat terns for SD-SDI, HD- SDI  and  3G-SDI

Dual  Receiver with Duplex LC

Based  on Industry  Standard SFP

SFF- 8472 Digital Diagnostic Function

Single +3. 3 V Power Supply

RoHS- 6 Compliant

0 to  70°C Operation

Hot Pluggable




Similar Part No. - SPS-9110VW-2RG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-9110VW-2RG OPTOWAY-SPS-9110VW-2RG Datasheet
117Kb / 5P
1310 nm / 3 Gb/s Medium Power Dual Optical SM Digital Diagnostic Transmitter
SPS-9110VW-2RG OPTOWAY-SPS-9110VW-2RG Datasheet
151Kb / 6P
1310 nm / 3 Gb/s Medium Power Optical SMDigital Diagnostic Transmitter/Receiver
SPS-9110VW-2RG OPTOWAY-SPS-9110VW-2RG Datasheet
142Kb / 5P
1310 nm / 3 Gb/s Medium Power Single Optical SMDigital Diagnostic Transmitter
SPS-9110VW-2RG OPTOWAY-SPS-9110VW-2RG Datasheet
117Kb / 5P
1310 nm / 3 Gb/s Medium Power Dual Optical SM Digital Diagnostic Transmitter
SPS-9110VW-2RG OPTOWAY-SPS-9110VW-2RG Datasheet
120Kb / 5P
CWDM / 3 Gb/s Medium Power Dual Optical SMDigital Diagnostic Transmitter
More results


Similar Description - SPS-9110VW-2RG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-7110V-2RG OPTOWAY-SPS-7110V-2RG Datasheet
141Kb / 5P
1260 to 1620 nm / 1.5 Gb/s Dual Optical SM Receiver
SPS-7110VW-1RG OPTOWAY-SPS-7110VW-1RG Datasheet
143Kb / 5P
1260 to 1620 nm / 1.5 Gb/s Single Optical SM Digital Diagnostic Receiver
SPS-7110VW-2RG OPTOWAY-SPS-7110VW-2RG Datasheet
141Kb / 5P
1260 to 1620 nm / 1.5 Gb/s Dual Optical SM Digital Diagnostic Receiver
SPS-9110V-1RG OPTOWAY-SPS-9110V-1RG Datasheet
140Kb / 5P
1260 to 1620 nm / 3 Gb/s Single Optical SM Receiver
SPS-9110V-2RG OPTOWAY-SPS-9110V-2RG Datasheet
139Kb / 5P
1260 to 1620 nm / 3 Gb/s Dual Optical SM Receiver
SPS-9110VW-1RG OPTOWAY-SPS-9110VW-1RG Datasheet
141Kb / 5P
1260 to 1620 nm / 3 Gb/s Single Optical SM Digital Diagnostic Receiver
SPS-9380V-1RG OPTOWAY-SPS-9380V-1RG Datasheet
140Kb / 5P
1260 to 1620 nm / 3 Gb/s Single Optical SM Receiver
SPS-9380V-2RG OPTOWAY-SPS-9380V-2RG Datasheet
139Kb / 5P
1260 to 1620 nm / 3 Gb/s Dual Optical SM Receiver
SPS-9380VW-1RG OPTOWAY-SPS-9380VW-1RG Datasheet
141Kb / 5P
1260 to 1620 nm / 3 Gb/s Single Optical SM Digital Diagnostic Receiver
SPS-9380VW-2RG OPTOWAY-SPS-9380VW-2RG Datasheet
139Kb / 5P
1260 to 1620 nm / 3 Gb/s Dual Optical SM Digital Diagnostic Receiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com