Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPS-9380V-2RG Datasheet (PDF) - Optoway Technology Inc

SPS-9380V-2RG Datasheet PDF - Optoway Technology Inc
Part # SPS-9380V-2RG
Download  SPS-9380V-2RG Download
File Size   139.61 Kbytes
Page   5 Pages
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc
Description 1260 to 1620 nm / 3 Gb/s Dual Optical SM Receiver

SPS-9380V-2RG Datasheet (PDF)

Go To PDF Page Download Datasheet
SPS-9380V-2RG Datasheet PDF - Optoway Technology Inc

Part # SPS-9380V-2RG
Download  SPS-9380V-2RG Click to download

File Size   139.61 Kbytes
Page   5 Pages
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc
Description 1260 to 1620 nm / 3 Gb/s Dual Optical SM Receiver

SPS-9380V-2RG Datasheet (HTML) - Optoway Technology Inc


SPS-9380V-2RG Product details

DESCRIPTION
The SPS-9380V-2RG is a dual channel optical single mode receiver module designed to receive optical serial digital signals as defined in SMPTE 297-2006. It supports from 50 Mbps to 3 Gbps and is specifically designed for received the SMPTE 259M, SMPTE 344M, SMPTE 292M and SMPTE 424M SDI pathological patterns. It is with the SFP 20-pin connector to allow hot plug capability. Each receiver can receive signal from 50 Mbps to 3 Gbps with up to 30 km of single-mode fiber when using the SPS-9380V-2TG as the transmitter. A maximum distance of 80 km is achievable with 3Gbps pathological signals.

FEATURES
● SMPTE 297-2006 Compliant
● Speed from 50 Mbps to 3Gbps
● Support Video Pathological Patterns for SD-SDI, HD-SDI and 3G-SDI
● Dual High Sensitivity APD Receiver with Duplex LC
● Based on Industry Standard SFP
● Single +3.3 V Power Supply
● RoHS-6 Compliant
● 0 to 70oC Operation
● Hot Pluggable

APPLICATIONS
● SMPTE 297-2006 Compliant Electrical-to-Optical Interfaces
● High-density Video Routers




Similar Part No. - SPS-9380V-2RG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-9380V-2RG OPTOWAY-SPS-9380V-2RG Datasheet
142Kb / 5P
1550 nm / 3 Gb/s Medium Power Single Optical SM Transmitter
SPS-9380V-2RG OPTOWAY-SPS-9380V-2RG Datasheet
116Kb / 5P
1550 nm / 3 Gb/s Medium Power Dual Optical SM Transmitter
SPS-9380V-2RG OPTOWAY-SPS-9380V-2RG_15 Datasheet
133Kb / 5P
3 Gb/s Dual Optical SM Receiver
SPS-9380V-2RG_2015 OPTOWAY-SPS-9380V-2RG_2015 Datasheet
133Kb / 5P
3 Gb/s Dual Optical SM Receiver
More results


Similar Description - SPS-9380V-2RG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-7110V-1RG OPTOWAY-SPS-7110V-1RG Datasheet
142Kb / 5P
1260 to 1620 nm / 1.5 Gb/s Single Optical SM Receiver
SPS-7110V-2RG OPTOWAY-SPS-7110V-2RG Datasheet
141Kb / 5P
1260 to 1620 nm / 1.5 Gb/s Dual Optical SM Receiver
SPS-7110VW-2RG OPTOWAY-SPS-7110VW-2RG Datasheet
141Kb / 5P
1260 to 1620 nm / 1.5 Gb/s Dual Optical SM Digital Diagnostic Receiver
SPS-9110V-1RG OPTOWAY-SPS-9110V-1RG Datasheet
140Kb / 5P
1260 to 1620 nm / 3 Gb/s Single Optical SM Receiver
SPS-9110V-2RG OPTOWAY-SPS-9110V-2RG Datasheet
139Kb / 5P
1260 to 1620 nm / 3 Gb/s Dual Optical SM Receiver
SPS-9110VW-1RG OPTOWAY-SPS-9110VW-1RG Datasheet
141Kb / 5P
1260 to 1620 nm / 3 Gb/s Single Optical SM Digital Diagnostic Receiver
SPS-9110VW-2RG OPTOWAY-SPS-9110VW-2RG Datasheet
139Kb / 5P
1260 to 1620 nm / 3 Gb/s Dual Optical SM Digital Diagnostic Receiver
SPS-9380V-1RG OPTOWAY-SPS-9380V-1RG Datasheet
140Kb / 5P
1260 to 1620 nm / 3 Gb/s Single Optical SM Receiver
SPS-9380VW-1RG OPTOWAY-SPS-9380VW-1RG Datasheet
141Kb / 5P
1260 to 1620 nm / 3 Gb/s Single Optical SM Digital Diagnostic Receiver
SPS-9380VW-2RG OPTOWAY-SPS-9380VW-2RG Datasheet
139Kb / 5P
1260 to 1620 nm / 3 Gb/s Dual Optical SM Digital Diagnostic Receiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com