Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHR2291 Datasheet (PDF) - United Monolithic Semiconductors

CHR2291 Datasheet PDF - United Monolithic Semiconductors
Part # CHR2291
Download  CHR2291 Download
File Size   121.33 Kbytes
Page   6 Pages
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors
Description 12-17GHz Integrated Down Converter

CHR2291 Datasheet (PDF)

Go To PDF Page Download Datasheet
CHR2291 Datasheet PDF - United Monolithic Semiconductors

Part # CHR2291
Download  CHR2291 Click to download

File Size   121.33 Kbytes
Page   6 Pages
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors
Description 12-17GHz Integrated Down Converter

CHR2291 Datasheet (HTML) - United Monolithic Semiconductors


CHR2291 Product details

Description
The CHR2291 is a multifunction chip which integrates a LO time two multiplier, a balanced cold FET mixer, and a RF LNA. It is designed for a wide range of applications, typically commercial communication systems. The backside of the chip is both RF and DC grounds. This helps simplify the assembly process.

Main Features
• Broadband performances : 12-17GHz
• 10 dB conversion gain
• 3.5dB noise figure
• 10dBm LO input power
• -8dBm RF input power (1dB gain comp.)
• Low DC power consumption, 130mA@3.5V
• Chip size : 2.49 X 2.13 X 0.10 mm




Similar Part No. - CHR2291

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR2291 UMS-CHR2291 Datasheet
89Kb / 6P
12-17GHz Integrated Down Converter
CHR2291 UMS-CHR2291 Datasheet
120Kb / 6P
12-17GHz Integrated Down Converter
CHR2291 UMS-CHR2291 Datasheet
131Kb / 6P
12-17GHz Integrated Down Converter
CHR2291-99F UMS-CHR2291-99F Datasheet
120Kb / 6P
12-17GHz Integrated Down Converter
CHR2291-99F00 UMS-CHR2291-99F00 Datasheet
120Kb / 6P
12-17GHz Integrated Down Converter
More results


Similar Description - CHR2291

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR2296 UMS-CHR2296 Datasheet
119Kb / 5P
36- 40GHz Integrated Down Converter
CHR2291 UMS-CHR2291_04 Datasheet
89Kb / 6P
12-17GHz Integrated Down Converter
CHR2391 UMS-CHR2391 Datasheet
168Kb / 6P
12-16GHz Integrated Down Converter
CHR3694-QDG UMS-CHR3694-QDG Datasheet
363Kb / 18P
37-40GHz Integrated Down converter 37-40GHz Integrated Down converter
CHR2291 UMS-CHR2291_11 Datasheet
120Kb / 6P
12-17GHz Integrated Down Converter
CHR2391 UMS-CHR2391_11 Datasheet
207Kb / 6P
12-16GHz Integrated Down Converter
CHR3352-QEG UMS-CHR3352-QEG Datasheet
622Kb / 16P
12-16GHz Integrated Down Converter
CHR3894-QEG UMS-CHR3894-QEG Datasheet
378Kb / 14P
37-40GHz Integrated Down Converter
CHR2291 UMS-CHR2291_15 Datasheet
131Kb / 6P
12-17GHz Integrated Down Converter
CHR3763-QDG UMS-CHR3763-QDG Datasheet
861Kb / 16P
12-16GHz Integrated Down Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com