Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHR2296 Datasheet (PDF) - United Monolithic Semiconductors

CHR2296 Datasheet PDF - United Monolithic Semiconductors
Part # CHR2296
Download  CHR2296 Download
File Size   119.04 Kbytes
Page   5 Pages
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors
Description 36- 40GHz Integrated Down Converter

CHR2296 Datasheet (PDF)

Go To PDF Page Download Datasheet
CHR2296 Datasheet PDF - United Monolithic Semiconductors

Part # CHR2296
Download  CHR2296 Click to download

File Size   119.04 Kbytes
Page   5 Pages
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors
Description 36- 40GHz Integrated Down Converter

CHR2296 Datasheet (HTML) - United Monolithic Semiconductors


CHR2296 Product details

Description
The CHR2296 is a multifunction chip which integrates a LO time two multiplier, a balanced cold FET mixer, and a RF LNA. It is designed for a wide range of applications, typically commercial communication systems. The backside of the chip is both RF and DC grounds. This helps simplify the assembly process.

Main Features
• Broadband performances : 36-40GHz
• 11 dB conversion gain
• 5dB noise figure
• 10dBm LO input power
• -10dBm RF input power (1dB gain comp.)
• Low DC power consumption, 110mA@3.5V
• Chip size : 2.49 X 1.97 X 0.10 mm




Similar Part No. - CHR2296

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR2296 UMS-CHR2296 Datasheet
160Kb / 6P
36-40GHz Integrated Down Converter
CHR2296 UMS-CHR2296 Datasheet
190Kb / 6P
36-40GHz Integrated Down Converter
CHR2296-99F UMS-CHR2296-99F Datasheet
160Kb / 6P
36-40GHz Integrated Down Converter
CHR2296-99F00 UMS-CHR2296-99F00 Datasheet
160Kb / 6P
36-40GHz Integrated Down Converter
CHR2296 UMS-CHR2296_11 Datasheet
160Kb / 6P
36-40GHz Integrated Down Converter
More results


Similar Description - CHR2296

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
MFC-PO13811 UMS-MFC-PO13811 Datasheet
186Kb / 4P
37-40GHz Integrated Down converter
CHR3694-QDG UMS-CHR3694-QDG Datasheet
363Kb / 18P
37-40GHz Integrated Down converter 37-40GHz Integrated Down converter
CHR2296 UMS-CHR2296_11 Datasheet
160Kb / 6P
36-40GHz Integrated Down Converter
CHR3394-QEG UMS-CHR3394-QEG Datasheet
439Kb / 14P
37-40GHz Integrated Down Converter
CHR3894-98F UMS-CHR3894-98F Datasheet
518Kb / 12P
37-40GHz Integrated Down Converter
CHR3894-QEG UMS-CHR3894-QEG Datasheet
378Kb / 14P
37-40GHz Integrated Down Converter
CHR2296 UMS-CHR2296_15 Datasheet
190Kb / 6P
36-40GHz Integrated Down Converter
CHR3394-QEG UMS-CHR3394-QEG_15 Datasheet
450Kb / 14P
37-40GHz Integrated Down Converter
CHR3894-98F UMS-CHR3894-98F_15 Datasheet
530Kb / 12P
37-40GHz Integrated Down Converter
CHR3894-QEG UMS-CHR3894-QEG_15 Datasheet
389Kb / 14P
37-40GHz Integrated Down Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com