Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHR2296 Datasheet(PDF) 3 Page - United Monolithic Semiconductors

Part # CHR2296
Description  36- 40GHz Integrated Down Converter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHR2296 Datasheet(HTML) 3 Page - United Monolithic Semiconductors

  CHR2296 Datasheet HTML 1Page - United Monolithic Semiconductors CHR2296 Datasheet HTML 2Page - United Monolithic Semiconductors CHR2296 Datasheet HTML 3Page - United Monolithic Semiconductors CHR2296 Datasheet HTML 4Page - United Monolithic Semiconductors CHR2296 Datasheet HTML 5Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
36-40 MFC Down Converter
CHR2296
Ref. : DSCHR22962147 25-May-02
3/5
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Typical On-wafer Measurements
Bias Conditions : Vdm= Vdl= 3.5 V, Vgm= -0.9V, Vgb= -0.4V, Vgx= -0.8V, Vga= -0.5V
Conversion gain & Image suppression with a 90° IQ combiner @ IF=1GHz
Input RF compression by channel
-12
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
Input RF power (dBm)
Conversion Gain_I (dB)
Conversion Gain_Q (dB)
IF_power_I (dBm)
IF_power_Q (dBm)
Freq. RF= 38GHz
Freq LO= 18.5GHz
-28
-24
-20
-16
-12
-8
-4
0
4
8
12
16
34
35
36
37
38
39
40
2*LO Frequency (GHz)
Gc_channel_inf_rf-
Gc_channel_sup_rf-
Gc_channel_inf_rf+
Gc_channel_sup_rf+



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com