Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHR2296 Datasheet(PDF) 1 Page - United Monolithic Semiconductors

Part # CHR2296
Description  36- 40GHz Integrated Down Converter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHR2296 Datasheet(HTML) 1 Page - United Monolithic Semiconductors

  CHR2296 Datasheet HTML 1Page - United Monolithic Semiconductors CHR2296 Datasheet HTML 2Page - United Monolithic Semiconductors CHR2296 Datasheet HTML 3Page - United Monolithic Semiconductors CHR2296 Datasheet HTML 4Page - United Monolithic Semiconductors CHR2296 Datasheet HTML 5Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CHR2296
Ref. : DSCHR22962147 25-May-02
1/5
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
36- 40GHz Integrated Down Converter
GaAs Monolithic Microwave IC
Description
The CHR2296 is a multifunction chip which
integrates a LO time two multiplier, a balanced
cold FET mixer, and a RF LNA. It is designed for
a wide range of applications, typically commercial
communication systems. The backside of the
chip is both RF and DC grounds. This helps
simplify the assembly process.
The circuit is manufactured with a PM-HEMT
process, 0.25µm gate length, via holes through
the substrate, air bridges and electron beam
gate lithography.
It is available in chip form.
Main Features
• Broadband performances : 36-40GHz
• 11 dB conversion gain
• 5dB noise figure
• 10dBm LO input power
• -10dBm RF input power (1dB gain comp.)
• Low DC power consumption, 110mA@3.5V
• Chip size : 2.49 X 1.97 X 0.10 mm
Typical on wafer measurement:
Conversion Gain & Image suppression @ IF=1GHz
Main Characteristics
Tamb. = 25°C
Parameter
Min
Typ
Max
Unit
FRF
RF frequency range
36
40
GHz
FLO
LO frequency range
17
20
GHz
FIF
IF frequency range
0.25
1.5
GHz
Gc
Conversion gain
11
dB
ESD Protection : Electrostatic discharge sensitive device. Observe handling precautions !
LO
Q
I
GM
GB
VDM
VDL
GX
VGA
RF
-28
-24
-20
-16
-12
-8
-4
0
4
8
12
16
34
35
36
37
38
39
40
2*LO Frequency (GHz)
Gc_channel_inf_rf-
Gc_channel_sup_rf-
Gc_channel_inf_rf+
Gc_channel_sup_rf+


Similar Part No. - CHR2296

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR2296 UMS-CHR2296 Datasheet
160Kb / 6P
36-40GHz Integrated Down Converter
CHR2296 UMS-CHR2296 Datasheet
190Kb / 6P
36-40GHz Integrated Down Converter
CHR2296-99F UMS-CHR2296-99F Datasheet
160Kb / 6P
36-40GHz Integrated Down Converter
CHR2296-99F00 UMS-CHR2296-99F00 Datasheet
160Kb / 6P
36-40GHz Integrated Down Converter
CHR2296 UMS-CHR2296_11 Datasheet
160Kb / 6P
36-40GHz Integrated Down Converter
More results

Similar Description - CHR2296

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
MFC-PO13811 UMS-MFC-PO13811 Datasheet
186Kb / 4P
37-40GHz Integrated Down converter
CHR3694-QDG UMS-CHR3694-QDG Datasheet
363Kb / 18P
37-40GHz Integrated Down converter 37-40GHz Integrated Down converter
CHR2296 UMS-CHR2296_11 Datasheet
160Kb / 6P
36-40GHz Integrated Down Converter
CHR3394-QEG UMS-CHR3394-QEG Datasheet
439Kb / 14P
37-40GHz Integrated Down Converter
CHR3894-98F UMS-CHR3894-98F Datasheet
518Kb / 12P
37-40GHz Integrated Down Converter
CHR3894-QEG UMS-CHR3894-QEG Datasheet
378Kb / 14P
37-40GHz Integrated Down Converter
CHR2296 UMS-CHR2296_15 Datasheet
190Kb / 6P
36-40GHz Integrated Down Converter
CHR3394-QEG UMS-CHR3394-QEG_15 Datasheet
450Kb / 14P
37-40GHz Integrated Down Converter
CHR3894-98F UMS-CHR3894-98F_15 Datasheet
530Kb / 12P
37-40GHz Integrated Down Converter
CHR3894-QEG UMS-CHR3894-QEG_15 Datasheet
389Kb / 14P
37-40GHz Integrated Down Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com