Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHU2277 Datasheet (PDF) - United Monolithic Semiconductors

CHU2277 Datasheet PDF - United Monolithic Semiconductors
Part # CHU2277
Download  CHU2277 Download
File Size   159.53 Kbytes
Page   7 Pages
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors
Description W-band Multifunction : Multiplier / MPA

CHU2277 Datasheet (PDF)

Go To PDF Page Download Datasheet
CHU2277 Datasheet PDF - United Monolithic Semiconductors

Part # CHU2277
Download  CHU2277 Click to download

File Size   159.53 Kbytes
Page   7 Pages
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors
Description W-band Multifunction : Multiplier / MPA

CHU2277 Datasheet (HTML) - United Monolithic Semiconductors


CHU2277 Product details

Description
The CHU2277 is a W-band monolithic multifunction which integrates a frequency multiplier, a four-stage amplifier and a power divider. The frequency multiplier is based on an active transistor and allows to operate at low input level with a reduced power consumption.

Main Features
■ Wide operating frequency range
■ Low input power : 5dBm typical
■ High output power (OUT1)
■ Auxiliary output power (OUT2)
■ Low AM noise
■ High temperature range
■ On-chip self biasing
■ Automatic assembly oriented
■ Low DC power consumption
■ Chip size : 4.65 x 1.6 x 0.1mm




Similar Part No. - CHU2277

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHU2277 UMS-CHU2277 Datasheet
229Kb / 6P
W-band Multifunction Multiplier / MPA
CHU2277A UMS-CHU2277A Datasheet
196Kb / 8P
W-band Multifunction : Multiplier / MPA
CHU2277A98F UMS-CHU2277A98F Datasheet
549Kb / 12P
W-band Multifunction: Multiplier / MPA
CHU2277A98F UMS-CHU2277A98F_15 Datasheet
549Kb / 12P
W-band Multifunction: Multiplier / MPA
CHU2277 UMS-CHU2277_15 Datasheet
229Kb / 6P
W-band Multifunction Multiplier / MPA
More results


Similar Description - CHU2277

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHV2240 UMS-CHV2240 Datasheet
352Kb / 8P
Multifunction : K-band VCO and Q-band Multiplier
logo
TriQuint Semiconductor
TGA4040 TRIQUINT-TGA4040 Datasheet
163Kb / 10P
17 - 43GHz MPA/Multiplier
logo
United Monolithic Semic...
CHU2277A UMS-CHU2277A Datasheet
196Kb / 8P
W-band Multifunction : Multiplier / MPA
CHU3277 UMS-CHU3277 Datasheet
139Kb / 7P
W-band Multi-function: Multiplier / MPA
CHU3377 UMS-CHU3377 Datasheet
183Kb / 6P
W-band Multifunction: Multiplier / MPA
CHU2277A98F UMS-CHU2277A98F_15 Datasheet
549Kb / 12P
W-band Multifunction: Multiplier / MPA
CHU3377 UMS-CHU3377_15 Datasheet
125Kb / 4P
W-band Multifunction: Multiplier / MPA
CHV2240 UMS-CHV2240_15 Datasheet
373Kb / 8P
Multifunction K-band VCO and Q-band Multiplier
CHU2277 UMS-CHU2277_15 Datasheet
229Kb / 6P
W-band Multifunction Multiplier / MPA
logo
Qorvo, Inc
TGA4040 QORVO-TGA4040 Datasheet
283Kb / 11P
17 -43 GHz MPA / Multiplier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com