Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US1050 Datasheet (PDF) - UNISEM

US1050 Datasheet PDF - UNISEM
Part # US1050
Download  US1050 Download
File Size   52.0 Kbytes
Page   7 Pages
Manufacturer  UNISEM [UNISEM]
Direct Link  
Logo UNISEM - UNISEM
Description 5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR

US1050 Datasheet (PDF)

Go To PDF Page Download Datasheet
US1050 Datasheet PDF - UNISEM

Part # US1050
Download  US1050 Click to download

File Size   52.0 Kbytes
Page   7 Pages
Manufacturer  UNISEM [UNISEM]
Direct Link  
Logo UNISEM - UNISEM
Description 5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR

US1050 Datasheet (HTML) - UNISEM


US1050 Product details

DESCRIPTION
The US1050 product is a low dropout three terminal adjustable regulator with minimum of 5A output current capability. This product is specifically designed to provide well regulated supply for low voltage IC applications such as Pentiumä P54Cä,P55Cä as well as GTL+ termination for Pentium Proä and Klamathä processor applications .
   
FEATURES
■ Guaranteed < 1.3V Dropout at Full Load
    Current
■ Fast Transient Response
■ 1% Voltage Reference Initial Accuracy
■ Output Current Limiting
■ Built-in Thermal Shutdown
   
APPLICATIONS
■ Low Voltage Processor Applications such as :
    P54C™,P55C™,Cyrix M2™,
    POWER PC™,AMD
■ GTL+ Termination
    PENTIUM PRO™, KLAMATH™
■ Low Voltage Memory Termination Applications
■ Standard 3.3V Chip-Set and Logic Applications
   




Similar Part No. - US1050

ManufacturerPart #DatasheetDescription
logo
UNISEM
US1050-33 UNISEM-US1050-33 Datasheet
21Kb / 3P
5A LOW DROPOUT POSITIVE FIXED 3.3V OUTPUT REGULATOR
US1050-33CD UNISEM-US1050-33CD Datasheet
21Kb / 3P
5A LOW DROPOUT POSITIVE FIXED 3.3V OUTPUT REGULATOR
US1050-33CM UNISEM-US1050-33CM Datasheet
21Kb / 3P
5A LOW DROPOUT POSITIVE FIXED 3.3V OUTPUT REGULATOR
US1050-33CP UNISEM-US1050-33CP Datasheet
21Kb / 3P
5A LOW DROPOUT POSITIVE FIXED 3.3V OUTPUT REGULATOR
US1050-33CT UNISEM-US1050-33CT Datasheet
21Kb / 3P
5A LOW DROPOUT POSITIVE FIXED 3.3V OUTPUT REGULATOR
More results


Similar Description - US1050

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1084 AIC-AIC1084 Datasheet
104Kb / 6P
5A Low Dropout Positive Adjustable Regulator
logo
International Rectifier
IRU1050 IRF-IRU1050 Datasheet
105Kb / 12P
5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Anachip Corp
AP1084 ANACHIP-AP1084 Datasheet
197Kb / 10P
5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Rev.1.0 Aug.27, 2004
logo
Vishay Siliconix
GS1084 VISHAY-GS1084 Datasheet
57Kb / 6P
5A Low Dropout Positive Adjustable Regulator
26-Mar-02
logo
GTM CORPORATION
GJ1084 GTM-GJ1084 Datasheet
248Kb / 4P
5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GU1084 GTM-GU1084 Datasheet
310Kb / 4P
5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Linear Technology
RH1084 LINER-RH1084 Datasheet
62Kb / 4P
5A Low Dropout Positive Adjustable Regulator
logo
Diodes Incorporated
AP1084 DIODES-AP1084_10 Datasheet
155Kb / 11P
5A LOW DROPOUT POSITIVE ADJUSTABLE
AP1084 Rev. 9
logo
Linear Technology
RH1084 LINER-RH1084_15 Datasheet
85Kb / 4P
5A Low Dropout Positive Adjustable Regulator
RH1084MK LINER-RH1084MK_15 Datasheet
87Kb / 2P
5A Low Dropout Positive Adjustable Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com