Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US1260 Datasheet (PDF) - UNISEM

US1260 Datasheet PDF - UNISEM
Part # US1260
Download  US1260 Download
File Size   67.74 Kbytes
Page   9 Pages
Manufacturer  UNISEM [UNISEM]
Direct Link  
Logo UNISEM - UNISEM
Description DUAL 6A AND 1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR

US1260 Datasheet (PDF)

Go To PDF Page Download Datasheet
US1260 Datasheet PDF - UNISEM

Part # US1260
Download  US1260 Click to download

File Size   67.74 Kbytes
Page   9 Pages
Manufacturer  UNISEM [UNISEM]
Direct Link  
Logo UNISEM - UNISEM
Description DUAL 6A AND 1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR

US1260 Datasheet (HTML) - UNISEM


US1260 Product details

DESCRIPTION
The US1260 product using a proprietary process combines a dual low drop out adjustable output regulators in a single package with one output having a minimum of 6A and the other one having a 1A output current capability. This product is specifically designed to provide well regulated supplies for low voltage ICs such as 3.3V to 1.5V and 2.5V supplies for the GTL+ termination and the new clock for Pentium II applications.Other applications include low cost dual supply for processors such as Intel P55Cäwhere 2.8V and 3.3 V are needed for the Core and the I/O supplies from the 5V input.

FEATURES
■ Guaranteed <1.3V Dropout at 6A (output #2)
■ Guaranteed <0.6V Dropout at 1A (output #1)
■ Fast Transient Response
■ 1% Voltage Reference Initial Accuracy
■ Built in Thermal Shutdown

APPLICATIONS
■ Providing a single package solution for GTL+ and High Speed Bus Termination
■ Dual supply P55Cäapplications




Similar Part No. - US1260

ManufacturerPart #DatasheetDescription
logo
UNISEM
US1261 UNISEM-US1261 Datasheet
41Kb / 6P
DUAL 6A AND 1A LOW DROPOUT POSITIVE FIXED OUTPUT REGULATOR
US1261CM UNISEM-US1261CM Datasheet
41Kb / 6P
DUAL 6A AND 1A LOW DROPOUT POSITIVE FIXED OUTPUT REGULATOR
US1261CP UNISEM-US1261CP Datasheet
41Kb / 6P
DUAL 6A AND 1A LOW DROPOUT POSITIVE FIXED OUTPUT REGULATOR
US1261CT UNISEM-US1261CT Datasheet
41Kb / 6P
DUAL 6A AND 1A LOW DROPOUT POSITIVE FIXED OUTPUT REGULATOR
More results


Similar Description - US1260

ManufacturerPart #DatasheetDescription
logo
UNISEM
US1010 UNISEM-US1010 Datasheet
38Kb / 5P
1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
US1261 UNISEM-US1261 Datasheet
41Kb / 6P
DUAL 6A AND 1A LOW DROPOUT POSITIVE FIXED OUTPUT REGULATOR
logo
Analog Intergrations Co...
AIC1117A AIC-AIC1117A Datasheet
136Kb / 8P
1A Low Dropout Positive Adjustable Regulator
logo
International Rectifier
IRU1010 IRF-IRU1010 Datasheet
95Kb / 6P
1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
IRU1260 IRF-IRU1260 Datasheet
128Kb / 10P
DUAL 6A AND 1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
IRU1260 IRF-IRU1260 Datasheet
76Kb / 12P
DUAL 6A AND 1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
IRU1010CDTR IRF-IRU1010CDTR Datasheet
75Kb / 10P
1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
IRU1160 IRF-IRU1160 Datasheet
57Kb / 8P
6A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Anachip Corp
AP1187 ANACHIP-AP1187 Datasheet
178Kb / 6P
1A Ultra Low Dropout Positive Adjustable Regulator
Rev.1.1 Aug 23, 2005
logo
International Rectifier
IRU1261 IRF-IRU1261 Datasheet
57Kb / 8P
DUAL 6A AND 1A LOW DROPOUT POSITIVE FIXED 1.5V AND 2.5V REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com