Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US1261 Datasheet (PDF) - UNISEM

US1261 Datasheet PDF - UNISEM
Part # US1261
Download  US1261 Download
File Size   41.58 Kbytes
Page   6 Pages
Manufacturer  UNISEM [UNISEM]
Direct Link  
Logo UNISEM - UNISEM
Description DUAL 6A AND 1A LOW DROPOUT POSITIVE FIXED OUTPUT REGULATOR

US1261 Datasheet (PDF)

Go To PDF Page Download Datasheet
US1261 Datasheet PDF - UNISEM

Part # US1261
Download  US1261 Click to download

File Size   41.58 Kbytes
Page   6 Pages
Manufacturer  UNISEM [UNISEM]
Direct Link  
Logo UNISEM - UNISEM
Description DUAL 6A AND 1A LOW DROPOUT POSITIVE FIXED OUTPUT REGULATOR

US1261 Datasheet (HTML) - UNISEM


US1261 Product details

DESCRIPTION
The US1261 product using a proprietary process combines a dual low dropout regulators with fixed outputs of 1.5V and 2.5V in a single package with the 1.5V output having a minimum of 6A and the 2.5V having a 1A output current capability. This product is specifically designed to provide well regulated supplies from 3.3V to generate 1.5V for GTL+ termination resistor supply and 2.5V clock supply for the new generation of the Pentium II processor applications.
   
FEATURES
■ Guaranteed to provide 1.5V and 2.5V Supplies with 3.1V input.
■ Fast Transient Response
■ 1% Voltage Reference Initial Accuracy
■ Built in Thermal Shutdown
   
APPLICATIONS
■ Pentium II Processor Applications
   




Similar Part No. - US1261

ManufacturerPart #DatasheetDescription
logo
UNISEM
US1260 UNISEM-US1260 Datasheet
67Kb / 9P
DUAL 6A AND 1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
US1260CM UNISEM-US1260CM Datasheet
67Kb / 9P
DUAL 6A AND 1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
US1260CP UNISEM-US1260CP Datasheet
67Kb / 9P
DUAL 6A AND 1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
US1260CT UNISEM-US1260CT Datasheet
67Kb / 9P
DUAL 6A AND 1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
More results


Similar Description - US1261

ManufacturerPart #DatasheetDescription
logo
UNISEM
US1010-25 UNISEM-US1010-25 Datasheet
19Kb / 3P
1A LOW DROPOUT POSITIVE FIXED OUTPUT REGULATOR
US1010-33 UNISEM-US1010-33 Datasheet
19Kb / 3P
1A LOW DROPOUT POSITIVE FIXED OUTPUT REGULATOR
US1260 UNISEM-US1260 Datasheet
67Kb / 9P
DUAL 6A AND 1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
International Rectifier
IRU1010-18 IRF-IRU1010-18 Datasheet
123Kb / 8P
1A LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
IRU1010-25 IRF-IRU1010-25 Datasheet
50Kb / 8P
1A LOW DROPOUT POSITIVE FIXED 2.5V REGULATOR
IRU1010-33 IRF-IRU1010-33 Datasheet
76Kb / 8P
1A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
IRU1260 IRF-IRU1260 Datasheet
128Kb / 10P
DUAL 6A AND 1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
IRU1260 IRF-IRU1260 Datasheet
76Kb / 12P
DUAL 6A AND 1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
IRU1261 IRF-IRU1261 Datasheet
57Kb / 8P
DUAL 6A AND 1A LOW DROPOUT POSITIVE FIXED 1.5V AND 2.5V REGULATOR
IRU1010-18CDTR IRF-IRU1010-18CDTR Datasheet
128Kb / 8P
1A LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com