Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZT52B8V2S Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

BZT52B8V2S Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # BZT52B8V2S
Download  BZT52B8V2S Download
File Size   135.46 Kbytes
Page   3 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 200mW, 2% Tolerance SMD Zener Diode

BZT52B8V2S Datasheet (PDF)

Go To PDF Page Download Datasheet
BZT52B8V2S Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # BZT52B8V2S
Download  BZT52B8V2S Click to download

File Size   135.46 Kbytes
Page   3 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 200mW, 2% Tolerance SMD Zener Diode

BZT52B8V2S Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


BZT52B8V2S Product details

FEATURES
- Wide zener voltage range selection : 2.4V to 75V
- Surface Mount Device Type
- Moisture sensitivity level 1
- Pb free and RoHS compliant
- Green compound (Halogen free) with suffix "G" on
   packing code and prefix "G" on date code
- VZ Tolerance Selection of ±2%
- Matte Tin(Sn) lead finish with Nickel(Ni) underplate




Similar Part No. - BZT52B8V2S

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BZT52B8V2S RECTRON-BZT52B8V2S Datasheet
233Kb / 3P
SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 3 to 39 Volts POWER RATING 410 mWatts
logo
Taiwan Semiconductor Co...
BZT52B8V2S TSC-BZT52B8V2S Datasheet
238Kb / 6P
200mW, 2% Tolerance SMD Zener Diode
logo
Jiangsu Changjiang Elec...
BZT52B8V2S JIANGSU-BZT52B8V2S Datasheet
775Kb / 5P
ZENER DIODE
logo
Diode Semiconductor Kor...
BZT52B8V2S DSK-BZT52B8V2S Datasheet
252Kb / 4P
Surface mount zener diode
logo
Jiangsu High diode Semi...
BZT52B8V2S HDSEMI-BZT52B8V2S Datasheet
1Mb / 5P
SOD323 Plastic-Encapsulate Diodes
More results


Similar Description - BZT52B8V2S

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZT52B2V4 TSC-BZT52B2V4 Datasheet
124Kb / 3P
500mW, 2% Tolerance SMD Zener Diode
BZT52C2V4S TSC-BZT52C2V4S Datasheet
177Kb / 3P
200mW, 5% Tolerance SMD Zener Diode
BZT55B2V4 TSC-BZT55B2V4 Datasheet
128Kb / 3P
500mW, 2% Tolerance SMD Zener Diode
BZX55B2V4 TSC-BZX55B2V4 Datasheet
126Kb / 3P
500mW, 2% Tolerance SMD Zener Diode
BZS55B2V4 TSC-BZS55B2V4 Datasheet
137Kb / 3P
500mW,2% Tolerance SMD Zener Diode
BZY55B2V4 TSC-BZY55B2V4 Datasheet
146Kb / 3P
500mW,2% Tolerance SMD Zener Diode
BZT52B2V4 TSC-BZT52B2V4_14 Datasheet
227Kb / 6P
500mW, 2% Tolerance SMD Zener Diode
BZT52B2V4S TSC-BZT52B2V4S_14 Datasheet
238Kb / 6P
200mW, 2% Tolerance SMD Zener Diode
BZX584B4V7 TSC-BZX584B4V7 Datasheet
247Kb / 6P
2% Zener Voltage Tolerance SMD Zener Diode
BZY55B2V4 TSC-BZY55B2V4_14 Datasheet
241Kb / 5P
2% Tolerance SMD Zener Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com