Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM2N70 Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

TSM2N70 Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # TSM2N70
Download  TSM2N70 Download
File Size   211.76 Kbytes
Page   7 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 700V N-Channel Power MOSFET

TSM2N70 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSM2N70 Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # TSM2N70
Download  TSM2N70 Click to download

File Size   211.76 Kbytes
Page   7 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 700V N-Channel Power MOSFET

TSM2N70 Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


TSM2N70 Product details

General Description
The TSM2N70 N-Channel enhancement mode Power MOSFET is produced by planar stripe DMOS technology. This advanced technology has been especially tailored to minimize on-state resistance, provide superior switching performance, and withstand high energy pulse in the avalanche and commutation mode. These devices are well suited for high efficiency switch mode power supply, power factor correction, electronic lamp ballast based on half bridge.

Features
● Low RDS(ON) 6.5Ω (Max.)
● Low gate charge typical @ 9.5nC (Typ.)
● Low Crss typical @ 4.5pF (Typ.)
● Fast Switching




Similar Part No. - TSM2N70

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM2N7000 TSC-TSM2N7000 Datasheet
123Kb / 3P
60V N-Channel Enhancement Mode MOSFET
TSM2N7000 TSC-TSM2N7000 Datasheet
184Kb / 4P
60V N-Channel MOSFET
TSM2N7000CT TSC-TSM2N7000CT Datasheet
184Kb / 4P
60V N-Channel MOSFET
TSM2N7000CTA3 TSC-TSM2N7000CTA3 Datasheet
123Kb / 3P
60V N-Channel Enhancement Mode MOSFET
TSM2N7000CTB0 TSC-TSM2N7000CTB0 Datasheet
123Kb / 3P
60V N-Channel Enhancement Mode MOSFET
More results


Similar Description - TSM2N70

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM8N70 TSC-TSM8N70 Datasheet
476Kb / 8P
700V N-Channel Power MOSFET
TSM2N70 TSC-TSM2N70_11 Datasheet
442Kb / 10P
700V N-Channel Power MOSFET
logo
Unisonic Technologies
4N70K UTC-4N70K Datasheet
250Kb / 6P
4.4A, 700V N-CHANNEL POWER MOSFET
5N70K UTC-5N70K Datasheet
211Kb / 6P
5A, 700V N-CHANNEL POWER MOSFET
10N70Z UTC-10N70Z Datasheet
209Kb / 6P
10A, 700V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM8N70 TSC-TSM8N70_12 Datasheet
3Mb / 8P
700V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
6N70 DYELEC-6N70 Datasheet
2Mb / 8P
700V N-Channel Power MOSFET
7N70 DYELEC-7N70 Datasheet
2Mb / 7P
700V N-Channel Power MOSFET
7N70L DYELEC-7N70L Datasheet
2Mb / 6P
700V N-Channel Power MOSFET
logo
Nanjing International G...
NJ12N70 DGNJDZ-NJ12N70 Datasheet
1,009Kb / 9P
12A 700V N-CHANNEL POWER MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com