Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJ12N70 Datasheet (PDF) - Nanjing International Group Co

NJ12N70 Datasheet PDF - Nanjing International Group Co
Part # NJ12N70
Download  NJ12N70 Download
File Size   1009.89 Kbytes
Page   9 Pages
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co
Description 12A 700V N-CHANNEL POWER MOSFET

NJ12N70 Datasheet (PDF)

Go To PDF Page Download Datasheet
NJ12N70 Datasheet PDF - Nanjing International Group Co

Part # NJ12N70
Download  NJ12N70 Click to download

File Size   1009.89 Kbytes
Page   9 Pages
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co
Description 12A 700V N-CHANNEL POWER MOSFET

NJ12N70 Datasheet (HTML) - Nanjing International Group Co


NJ12N70 Product details

FEATURES
0.88
* VDS =700V
* ID = 12A
* RDS(ON) = Ω@VGS = 10V.
* Low gate charge ( typical 44 nC)
* Low Crss ( typical 18 pF)
* Fast switching
* 100% avalanche tested
* Improved dv/dt capability




Similar Part No. - NJ12N70

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
NJ1211L DGNJDZ-NJ1211L Datasheet
2Mb / 4P
Single Line TVS Diode for ESD
More results


Similar Description - NJ12N70

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM2N70 TSC-TSM2N70 Datasheet
211Kb / 7P
700V N-Channel Power MOSFET
TSM8N70 TSC-TSM8N70 Datasheet
476Kb / 8P
700V N-Channel Power MOSFET
TSM2N70 TSC-TSM2N70_11 Datasheet
442Kb / 10P
700V N-Channel Power MOSFET
logo
Unisonic Technologies
4N70K UTC-4N70K Datasheet
250Kb / 6P
4.4A, 700V N-CHANNEL POWER MOSFET
5N70K UTC-5N70K Datasheet
211Kb / 6P
5A, 700V N-CHANNEL POWER MOSFET
10N70Z UTC-10N70Z Datasheet
209Kb / 6P
10A, 700V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM8N70 TSC-TSM8N70_12 Datasheet
3Mb / 8P
700V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
6N70 DYELEC-6N70 Datasheet
2Mb / 8P
700V N-Channel Power MOSFET
7N70 DYELEC-7N70 Datasheet
2Mb / 7P
700V N-Channel Power MOSFET
7N70L DYELEC-7N70L Datasheet
2Mb / 6P
700V N-Channel Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com