Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJ1211L Datasheet (PDF) - Nanjing International Group Co

NJ1211L Datasheet PDF - Nanjing International Group Co
Part # NJ1211L
Download  NJ1211L Download
File Size   2096.41 Kbytes
Page   4 Pages
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co
Description Single Line TVS Diode for ESD

NJ1211L Datasheet (PDF)

Go To PDF Page Download Datasheet
NJ1211L Datasheet PDF - Nanjing International Group Co

Part # NJ1211L
Download  NJ1211L Click to download

File Size   2096.41 Kbytes
Page   4 Pages
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co
Description Single Line TVS Diode for ESD

NJ1211L Datasheet (HTML) - Nanjing International Group Co


NJ1211L Product details

Features
low Capacitance 30pF
Low Clamping Voltage
Small Body Outline Dimensions: 0.6 mmx0.3mm
Low Body Height: 0.28 mm
Stand-off Voltage: 12V
Low Leakage
Response Time is Typically < 1 ns
IEC61000-4-2 Level 4 ESD Protection for datalines
These are Pb-Free Devices




Similar Part No. - NJ1211L

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
NJ12N70 DGNJDZ-NJ12N70 Datasheet
1,009Kb / 9P
12A 700V N-CHANNEL POWER MOSFET
NJ12N70-BL DGNJDZ-NJ12N70-BL Datasheet
1,009Kb / 9P
12A 700V N-CHANNEL POWER MOSFET
NJ12N70-LI DGNJDZ-NJ12N70-LI Datasheet
1,009Kb / 9P
12A 700V N-CHANNEL POWER MOSFET
NJ12N70F-LI DGNJDZ-NJ12N70F-LI Datasheet
1,009Kb / 9P
12A 700V N-CHANNEL POWER MOSFET
More results


Similar Description - NJ1211L

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
PG05HSUSC KEC-PG05HSUSC Datasheet
36Kb / 2P
Single Line TVS Diode for ESD
logo
Galaxy Semi-Conductor H...
SD05C BILIN-SD05C Datasheet
211Kb / 5P
Single Line TVS Diode for ESD
Rev.A 6100-4-2
logo
KEC(Korea Electronics)
PG48FSUSC KEC-PG48FSUSC Datasheet
126Kb / 3P
Single Line TVS Diode for ESD
logo
Nanjing International G...
SD03MC DGNJDZ-SD03MC Datasheet
909Kb / 5P
Single Line TVS Diode for ESD
ZX0524P DGNJDZ-ZX0524P Datasheet
1Mb / 4P
Single Line TVS Diode for ESD
NJ0311T DGNJDZ-NJ0311T Datasheet
2Mb / 4P
Single Line TVS Diode for ESD
NJ0511L3 DGNJDZ-NJ0511L3 Datasheet
2Mb / 4P
Single Line TVS Diode for ESD
NJ0521L DGNJDZ-NJ0521L Datasheet
2Mb / 4P
Single Line TVS Diode for ESD
NJ0524P DGNJDZ-NJ0524P Datasheet
1Mb / 4P
Single Line TVS Diode for ESD
NJ2411L DGNJDZ-NJ2411L Datasheet
2Mb / 4P
Single Line TVS Diode for ESD
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com