Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PG05HSUSC Datasheet (PDF) - KEC(Korea Electronics)

PG05HSUSC Datasheet PDF - KEC(Korea Electronics)
Part # PG05HSUSC
Download  PG05HSUSC Download
File Size   36.36 Kbytes
Page   2 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description Single Line TVS Diode for ESD

PG05HSUSC Datasheet (PDF)

Go To PDF Page Download Datasheet
PG05HSUSC Datasheet PDF - KEC(Korea Electronics)

Part # PG05HSUSC
Download  PG05HSUSC Click to download

File Size   36.36 Kbytes
Page   2 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description Single Line TVS Diode for ESD

PG05HSUSC Datasheet (HTML) - KEC(Korea Electronics)


PG05HSUSC Product details

Protection in Portable Electronics Applications.

FEATURES
• 350 Watts peak pulse power (tp=8/20μs)
• Transient protection for data lines to
   IEC61000-4-2(ESD) 15kV(Air), 8kV(Contact)
   IEC61000-4-4(EFT) 40A(tp=5/50ns)
   IEC61000-4-5(Lightning) 24A(tp=8/20μs)
• Small package for use in portable electronics.
• Suitable replacement for Multi-Layer Varistors in ESD
• protection applications.
• Protects on I/O or power line.
• Low clamping voltage.
• Low leakage current.
• Suffix U : Qualified to AEC-Q101.
                  ex) PG05HSUSC-RTK/HU
• Suffix A : USC(1) Package
                  ex) PG05HSUSC-RTK/HA

APPLICATIONS
• Cell phone handsets and accessories.
• Microprocessor based equipment.
• Personal digital assistants (PDA’s)
• Notebooks, desktops, & servers.
• Portable instrumentation.
• Pagers peripherals.




Similar Part No. - PG05HSUSC

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
PG05HSUSC KEC-PG05HSUSC_15 Datasheet
548Kb / 2P
Protection in Portable Electronics
More results


Similar Description - PG05HSUSC

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SD05C BILIN-SD05C Datasheet
211Kb / 5P
Single Line TVS Diode for ESD
Rev.A 6100-4-2
logo
KEC(Korea Electronics)
PG48FSUSC KEC-PG48FSUSC Datasheet
126Kb / 3P
Single Line TVS Diode for ESD
logo
Nanjing International G...
SD03MC DGNJDZ-SD03MC Datasheet
909Kb / 5P
Single Line TVS Diode for ESD
ZX0524P DGNJDZ-ZX0524P Datasheet
1Mb / 4P
Single Line TVS Diode for ESD
NJ0311T DGNJDZ-NJ0311T Datasheet
2Mb / 4P
Single Line TVS Diode for ESD
NJ0511L3 DGNJDZ-NJ0511L3 Datasheet
2Mb / 4P
Single Line TVS Diode for ESD
NJ0521L DGNJDZ-NJ0521L Datasheet
2Mb / 4P
Single Line TVS Diode for ESD
NJ0524P DGNJDZ-NJ0524P Datasheet
1Mb / 4P
Single Line TVS Diode for ESD
NJ1211L DGNJDZ-NJ1211L Datasheet
2Mb / 4P
Single Line TVS Diode for ESD
NJ2411L DGNJDZ-NJ2411L Datasheet
2Mb / 4P
Single Line TVS Diode for ESD
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com