Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1876 Datasheet (PDF) - Maxim Integrated Products

DS1876 Datasheet PDF - Maxim Integrated Products
Part # DS1876
Download  DS1876 Download
File Size   2284.27 Kbytes
Page   69 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description SFP Controller with Dual LDD Interface

DS1876 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1876 Datasheet PDF - Maxim Integrated Products

Part # DS1876
Download  DS1876 Click to download

File Size   2284.27 Kbytes
Page   69 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description SFP Controller with Dual LDD Interface

DS1876 Datasheet (HTML) - Maxim Integrated Products


DS1876 Product details

General Description
The DS1876 controls and monitors all functions for dual transmitter modules. The memory map is based on SFF-8472. The DS1876 supports APC and modulation control and eye safety functionality for two laser drivers. It continually monitors for high output current, high bias current, and low and high transmit power to ensure that laser shutdown for eye safety requirements are met without adding external components. Six ADC channels monitor VCC, temperature, and four external monitor inputs that can be used to meet all monitoring requirements.

Features
♦ Meets All SFF-8472 Transmitter Control and Monitoring Requirements
♦ Six Analog Monitor Channels: Temperature, VCC, PMON1, BMON1, PMON2, BMON2 PMON_ and BMON_ Support Internal and External Calibration Scalable Dynamic Range Internal Direct-to-Digital Temperature Sensor Alarm and Warning Flags for All Monitored Channels
♦ Six Quick Trips for Fast Monitoring of Critical Functions for Laser Safety
♦ Four 10-Bit Delta-Sigma Outputs Each Controlled by 72-Entry Temperature Lookup Table (LUT)
♦ Digital I/O Pins: Six Inputs, Five Outputs
♦ Comprehensive Fault Measurement System with Maskable Laser Shutdown Capability
♦ Flexible, Two-Level Password Scheme Provides Three Levels of Security
♦ 256 Additional Bytes Located at A0h Slave Address
♦ Transmitter 1 is Accessed at A2h Slave Address
♦ Transmitter 2 is Accessed at B2h Slave Address
♦ I2C-Compatible Interface
♦ +2.85V to +3.9V Operating Voltage Range
♦ -40NC to +95NC Operating Temperature Range
♦ 28-Pin TQFN (5mm x 5mm x 0.8mm) Package

Applications
    Dual Tx Video SFP Modules




Similar Part No. - DS1876

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1876 MAXIM-DS1876 Datasheet
2Mb / 69P
SFP Controller with Dual LDD Interface
19-5153; Rev 0; 2/10
DS1876T+ MAXIM-DS1876T+ Datasheet
2Mb / 69P
SFP Controller with Dual LDD Interface
19-5153; Rev 0; 2/10
DS1876T+T&R MAXIM-DS1876T+T&R Datasheet
2Mb / 69P
SFP Controller with Dual LDD Interface
19-5153; Rev 0; 2/10
DS1876 MAXIM-DS1876_V01 Datasheet
2Mb / 69P
SFP Controller with Dual LDD Interface
19-5153; Rev 0; 2/10
More results


Similar Description - DS1876

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1874 MAXIM-DS1874 Datasheet
1Mb / 88P
SFP Controller with Digital LDD Interface
Rev 0; 6/09
DS1873 MAXIM-DS1873 Datasheet
1Mb / 85P
SFP Controller with Analog LDD Interface
Rev 0; 9/09
DS1877 MAXIM-DS1877 Datasheet
2Mb / 65P
SFP Controller for Dual Rx Interface
Rev 1; 4/10
DS1878 MAXIM-DS1878 Datasheet
1Mb / 101P
SFP Controller with Digital LDD Interface
Rev 1; 8/11
DS1886 MAXIM-DS1886 Datasheet
3Mb / 92P
SFP and PON ONU Controller with Digital LDD Interface
Rev 0; 3/12
DS1886_V1 MAXIM-DS1886_V1 Datasheet
3Mb / 92P
SFP and PON ONU Controller with Digital LDD Interface
Rev 1; 8/12
DS1886 MAXIM-DS1886_V01 Datasheet
3Mb / 92P
SFP and PON ONU Controller with Digital LDD Interface
19-6259; Rev 1; 8/12
DS1884 MAXIM-DS1884 Datasheet
2Mb / 92P
SFP and PON ONU Controller with Digital LDD Interface
19-5928; Rev 1; 7/11
DS1877 MAXIM-DS1877_V01 Datasheet
2Mb / 65P
SFP Controller for Dual Rx Interface
19-5188; Rev 1; 4/10
DS1876 MAXIM-DS1876_V01 Datasheet
2Mb / 69P
SFP Controller with Dual LDD Interface
19-5153; Rev 0; 2/10
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com