Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1886 Datasheet (PDF) - Maxim Integrated Products

DS1886 Datasheet PDF - Maxim Integrated Products
Part # DS1886
Download  DS1886 Download
File Size   3455.3 Kbytes
Page   92 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description SFP and PON ONU Controller with Digital LDD Interface

DS1886 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1886 Datasheet PDF - Maxim Integrated Products

Part # DS1886
Download  DS1886 Click to download

File Size   3455.3 Kbytes
Page   92 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description SFP and PON ONU Controller with Digital LDD Interface

DS1886 Datasheet (HTML) - Maxim Integrated Products


DS1886 Product details

General Description
The DS1886 controls and monitors all functions for SFF, SFP, and SFP+ modules including all SFF-8472 functionality for GPON/EPON and 10G PON ONU applications. The combination of the DS1886 with the MAX3710 supports all transmitter and receiver functionality. The DS1886 includes modulation current control and APC setpoint control with tracking error adjustment. It continually monitors RSSI for LOS generation.

Features
◆ Meets All SFF-8472 Control and Monitoring Requirements
◆ Companion Controller for the MAX3710 Laser Driver/Limiting Amplifier and MAX3945 Limiting Amplifier
◆ MAX3710/DS1886 Combination Supports Broad Spectrum of Continuous Mode and PON Applications Up to 2.5GHz
◆ Temperature Lookup Table (LUT) to Compensate for APC Tracking Error and Dual Closed-Loop Variables
◆ Three Laser Control Modes
    ◇ Dual Closed Loop: Laser Bias and Laser Modulation Are Automatically Controlled with Multiple LUTs to Compensate Dual Closed-Loop Calibration Points
    ◇ APC Loop: Laser Bias Automatically Controlled, Laser Modulation Controlled by Temperature LUT
    ◇ Open Loop: Laser Bias and Laser Modulation Are Controlled by Temperature LUTs
◆ 13-Bit ADC
    ◇ Laser Bias, Laser Power, and Receive Power Support Internal and External Calibration
    ◇ Differential Receive Power Input
    ◇ Scalable Dynamic Range
    ◇ Internal Direct-to-Digital Temperature Sensor
    ◇ Alarm and Warning Flags for All Monitored Channels
◆ 10-Bit DAC with Temperature Compensation for APD Bias
◆ Digital I/O Pins: Transmit Disable Input/Output, Rate Select Input, LOS Input/Output, Transmit Fault Input/Output, and IN1 Status Monitor and Fault input
◆ Comprehensive Fault Measurement System with Maskable Alarm/Warnings
◆ Flexible Password Scheme Provides Three Levels of Security
◆ 256-Byte A0h and 128-Byte Upper A2h EEPROM
◆ I2C-Compatible Interface
◆ 3-Wire Master to Communicate with the MAX3710/ MAX3711 Laser Driver/Limiting Amplifier and MAX3945 Limiting Amplifier

Applications
    SFF, SFP, and PON ONU Modules




Similar Part No. - DS1886

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1886 MAXIM-DS1886 Datasheet
3Mb / 92P
SFP and PON ONU Controller with Digital LDD Interface
Rev 1; 8/12
DS1886 MAXIM-DS1886 Datasheet
3Mb / 92P
SFP and PON ONU Controller with Digital LDD Interface
19-6259; Rev 1; 8/12
DS1886T+ MAXIM-DS1886T+ Datasheet
3Mb / 92P
SFP and PON ONU Controller with Digital LDD Interface
Rev 1; 8/12
DS1886T+T MAXIM-DS1886T+T Datasheet
3Mb / 92P
SFP and PON ONU Controller with Digital LDD Interface
Rev 1; 8/12
DS1886 MAXIM-DS1886_V01 Datasheet
3Mb / 92P
SFP and PON ONU Controller with Digital LDD Interface
19-6259; Rev 1; 8/12
More results


Similar Description - DS1886

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1875 MAXIM-DS1875 Datasheet
1Mb / 92P
PON Triplexer and SFP Controller
Rev 1; 10/08
DS1874 MAXIM-DS1874 Datasheet
1Mb / 88P
SFP Controller with Digital LDD Interface
Rev 0; 6/09
DS1873 MAXIM-DS1873 Datasheet
1Mb / 85P
SFP Controller with Analog LDD Interface
Rev 0; 9/09
DS1876 MAXIM-DS1876 Datasheet
2Mb / 69P
SFP Controller with Dual LDD Interface
Rev 0; 2/10
DS1878 MAXIM-DS1878 Datasheet
1Mb / 101P
SFP Controller with Digital LDD Interface
Rev 1; 8/11
DS1886_V1 MAXIM-DS1886_V1 Datasheet
3Mb / 92P
SFP and PON ONU Controller with Digital LDD Interface
Rev 1; 8/12
logo
Finisar Corporation.
FTGN2117P2CUN FINISAR-FTGN2117P2CUN Datasheet
438Kb / 1P
Pluggable SFP ONU
logo
Maxim Integrated Produc...
DS1886 MAXIM-DS1886_V01 Datasheet
3Mb / 92P
SFP and PON ONU Controller with Digital LDD Interface
19-6259; Rev 1; 8/12
DS1884 MAXIM-DS1884 Datasheet
2Mb / 92P
SFP and PON ONU Controller with Digital LDD Interface
19-5928; Rev 1; 7/11
DS1876 MAXIM-DS1876_V01 Datasheet
2Mb / 69P
SFP Controller with Dual LDD Interface
19-5153; Rev 0; 2/10
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com