Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBP2005G Datasheet (PDF) - Compact Technology Corp.

KBP2005G Datasheet PDF - Compact Technology Corp.
Part # KBP2005G
Download  KBP2005G Download
File Size   53.98 Kbytes
Page   2 Pages
Manufacturer  CTC [Compact Technology Corp.]
Direct Link  http://www.ctc-semicon.com
Logo CTC - Compact Technology Corp.
Description GLASS PASSIVATED BRIDGE RECTIFIERS

KBP2005G Datasheet (PDF)

Go To PDF Page Download Datasheet
KBP2005G Datasheet PDF - Compact Technology Corp.

Part # KBP2005G
Download  KBP2005G Click to download

File Size   53.98 Kbytes
Page   2 Pages
Manufacturer  CTC [Compact Technology Corp.]
Direct Link  http://www.ctc-semicon.com
Logo CTC - Compact Technology Corp.
Description GLASS PASSIVATED BRIDGE RECTIFIERS

KBP2005G Datasheet (HTML) - Compact Technology Corp.


KBP2005G Product details

FEATURES
• Rating to 1000V PRV
• Ideal for printed circuit board
• Reliable low cost construction utilizing molded plastic technique
• The plastic material has UL flammability classification 94V-0
• In compliance with EU RoHS 2002/95/EC directives




Similar Part No. - KBP2005G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
KBP2005G DIODES-KBP2005G Datasheet
52Kb / 2P
2.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21205 Rev. F-2
KBP2005G DIODES-KBP2005G Datasheet
75Kb / 3P
2.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21205 Rev. 10 - 2
logo
SeCoS Halbleitertechnol...
KBP2005G SECOS-KBP2005G Datasheet
157Kb / 2P
VOLTAGE 50V ~ 1000V 2 AMP Bridge Rectifiers
logo
Diotech Company.
KBP2005G DIOTECH-KBP2005G Datasheet
848Kb / 2P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Gulf Semiconductor
KBP2005G GULFSEMI-KBP2005G Datasheet
115Kb / 3P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current:2.0A
More results


Similar Description - KBP2005G

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB101 HY-DB101_1 Datasheet
95Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
DF005 HY-DF005_1 Datasheet
93Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
RS101G HY-RS101G_1 Datasheet
93Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
GBPC15005W-G COMCHIP-GBPC15005W-G Datasheet
91Kb / 3P
Glass Passivated Bridge Rectifiers
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
Glass Passivated Bridge Rectifiers
logo
New Jersey Semi-Conduct...
KBL400G NJSEMI-KBL400G Datasheet
152Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Bytesonic Electronics C...
MB30A BYTESONIC-MB30A Datasheet
298Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
Version 1.0 2018/5/7
logo
HY ELECTRONIC CORP.
GBU35005 HY-GBU35005_V01 Datasheet
431Kb / 3P
Glass Passivated Bridge Rectifiers
GBP005 HY-GBP005_V01 Datasheet
491Kb / 3P
Glass Passivated Bridge Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com