Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBP2005G Datasheet (PDF) - Diodes Incorporated

KBP2005G Datasheet PDF - Diodes Incorporated
Part # KBP2005G
Download  KBP2005G Download
File Size   52.83 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 2.0A GLASS PASSIVATED BRIDGE RECTIFIER

KBP2005G Datasheet (PDF)

Go To PDF Page Download Datasheet
KBP2005G Datasheet PDF - Diodes Incorporated

Part # KBP2005G
Download  KBP2005G Click to download

File Size   52.83 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 2.0A GLASS PASSIVATED BRIDGE RECTIFIER

KBP2005G Datasheet (HTML) - Diodes Incorporated


KBP2005G Product details

Features and Benefits
• Glass Passivated Die Construction
• High Case Dielectric Strength of 1,500 VRMS
• Low Reverse Leakage Current
• Surge Overload Rating to 65A Peak
• Ideal for Printed Circuit Board Applications
• UL Listed Under Recognized Component Index, File Number E94661
• Lead-Free Finish; RoHS Compliant (Notes 1 & 2)




Similar Part No. - KBP2005G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
KBP2005G DIODES-KBP2005G Datasheet
75Kb / 3P
2.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21205 Rev. 10 - 2
logo
SeCoS Halbleitertechnol...
KBP2005G SECOS-KBP2005G Datasheet
157Kb / 2P
VOLTAGE 50V ~ 1000V 2 AMP Bridge Rectifiers
logo
Compact Technology Corp...
KBP2005G CTC-KBP2005G Datasheet
53Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Diotech Company.
KBP2005G DIOTECH-KBP2005G Datasheet
848Kb / 2P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Gulf Semiconductor
KBP2005G GULFSEMI-KBP2005G Datasheet
115Kb / 3P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current:2.0A
More results


Similar Description - KBP2005G

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
2KBP005M WTE-2KBP005M Datasheet
37Kb / 3P
2.0A GLASS PASSIVATED BRIDGE RECTIFIER
GBP2005 WTE-GBP2005 Datasheet
47Kb / 3P
2.0A GLASS PASSIVATED BRIDGE RECTIFIER
KBP200G WTE-KBP200G Datasheet
37Kb / 3P
2.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
KBP2005G DIODES-KBP2005G_1 Datasheet
75Kb / 3P
2.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21205 Rev. 10 - 2
logo
Zibo Seno Electronic En...
DB201 ZSELEC-DB201 Datasheet
73Kb / 2P
2.0A GLASS PASSIVATED BRIDGE RECTIFIER
DBF205 ZSELEC-DBF205 Datasheet
162Kb / 2P
2.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
D2KB1 YFWDIODE-D2KB1 Datasheet
469Kb / 3P
2.0A GLASS PASSIVATED BRIDGE RECTIFIER
DB202 YFWDIODE-DB202 Datasheet
437Kb / 3P
2.0A GLASS PASSIVATED BRIDGE RECTIFIER
KBP201 YFWDIODE-KBP201 Datasheet
875Kb / 3P
2.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
KBP2005G DIODES-KBP2005G_V01 Datasheet
340Kb / 5P
2.0A GLASS PASSIVATED BRIDGE RECTIFIER
June 2017
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com