Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XF2J Datasheet (PDF) - Omron Electronics LLC

XF2J Datasheet PDF - Omron Electronics LLC
Part # XF2J
Download  XF2J Download
File Size   193.58 Kbytes
Page   4 Pages
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC
Description ZIF Slide-locking Connector (0.5 mm-pitch)

XF2J Datasheet (PDF)

Go To PDF Page Download Datasheet
XF2J Datasheet PDF - Omron Electronics LLC

Part # XF2J
Download  XF2J Click to download

File Size   193.58 Kbytes
Page   4 Pages
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC
Description ZIF Slide-locking Connector (0.5 mm-pitch)

XF2J Datasheet (HTML) - Omron Electronics LLC


XF2J Product details

Top-entry ZIF Connector

• Low on-board profile of only 4.15 mm.
• Adhesion face on top of the connector suits automatic mounting.
• Models with reverse terminal arrangement also available.
• Applicable FPC thickness of 0.3 mm.
• RoHS Compliant.




Similar Part No. - XF2J

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XF2J ETC-XF2J Datasheet
596Kb / 1P
0.5mm-pitch ZIF-Slide Type
logo
Omron Electronics LLC
XF2J OMRON-XF2J Datasheet
145Kb / 4P
ZIF Slide-locking Connector (0.5 mm-pitch)
logo
List of Unclassifed Man...
XF2J-0624-11 ETC-XF2J-0624-11 Datasheet
596Kb / 1P
0.5mm-pitch ZIF-Slide Type
logo
Omron Electronics LLC
XF2J-0624-11A OMRON-XF2J-0624-11A Datasheet
145Kb / 4P
ZIF Slide-locking Connector (0.5 mm-pitch)
XF2J-0624-12A OMRON-XF2J-0624-12A Datasheet
145Kb / 4P
ZIF Slide-locking Connector (0.5 mm-pitch)
More results


Similar Description - XF2J

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XF2J ETC-XF2J Datasheet
596Kb / 1P
0.5mm-pitch ZIF-Slide Type
logo
Omron Electronics LLC
XF2L OMRON-XF2L Datasheet
208Kb / 4P
ZIF Slide-locking Connector (0.5-mm pitch)
logo
Hirose Electric
FH28 HIROSE-FH28 Datasheet
828Kb / 11P
0.5 mm Pitch, 2.55 mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
logo
CONEC Elektronische Bau...
16-000640 CONEC-16-000640 Datasheet
145Kb / 1P
LOCKING BOLT for slide lock
logo
Omron Electronics LLC
XF2J_1011 OMRON-XF2J_1011 Datasheet
145Kb / 4P
ZIF Slide-locking Connector (0.5 mm-pitch)
XF2L_1011 OMRON-XF2L_1011 Datasheet
160Kb / 4P
ZIF Slide-locking Connector (0.5-mm pitch)
XF2G OMRON-XF2G Datasheet
304Kb / 4P
0.5 mm-Pitch Vertical FPC Connector
logo
Wurth Elektronik GmbH &...
686104189122 WURTH-686104189122 Datasheet
776Kb / 7P
WR-FPC SMT ZIF Horizontal Back Locking ZIF Connectors
002.000
686106189122 WURTH-686106189122 Datasheet
776Kb / 7P
WR-FPC SMT ZIF Horizontal Back Locking ZIF Connectors
002.000
686108189122 WURTH-686108189122 Datasheet
776Kb / 7P
WR-FPC SMT ZIF Horizontal Back Locking ZIF Connectors
002.000
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com