Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XF2J Datasheet (PDF) - List of Unclassifed Manufacturers

XF2J Datasheet PDF - List of Unclassifed Manufacturers
Part # XF2J
Download  XF2J Download
File Size   596.42 Kbytes
Page   1 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 0.5mm-pitch ZIF-Slide Type

XF2J Datasheet (PDF)

Go To PDF Page Download Datasheet
XF2J Datasheet PDF - List of Unclassifed Manufacturers

Part # XF2J
Download  XF2J Click to download

File Size   596.42 Kbytes
Page   1 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 0.5mm-pitch ZIF-Slide Type

XF2J Datasheet (HTML) - List of Unclassifed Manufacturers


XF2J Product details

[OMRON]

Top-entry ZIF Connector

• Slider achieves secure locking.
• Low-profile, protruding only 4.15 mm on the PCB.
• Adhesion face on top of the connector suits automatic mounting.




Similar Part No. - XF2J

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XF2J OMRON-XF2J Datasheet
193Kb / 4P
ZIF Slide-locking Connector (0.5 mm-pitch)
XF2J OMRON-XF2J Datasheet
145Kb / 4P
ZIF Slide-locking Connector (0.5 mm-pitch)
XF2J-0624-11A OMRON-XF2J-0624-11A Datasheet
193Kb / 4P
ZIF Slide-locking Connector (0.5 mm-pitch)
XF2J-0624-11A OMRON-XF2J-0624-11A Datasheet
145Kb / 4P
ZIF Slide-locking Connector (0.5 mm-pitch)
XF2J-0624-12A OMRON-XF2J-0624-12A Datasheet
193Kb / 4P
ZIF Slide-locking Connector (0.5 mm-pitch)
More results


Similar Description - XF2J

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XF2L ETC-XF2L Datasheet
833Kb / 1P
0.5MM PITCH LOW PROFILE TYPE
logo
Omron Electronics LLC
XF2J OMRON-XF2J Datasheet
193Kb / 4P
ZIF Slide-locking Connector (0.5 mm-pitch)
XF2L OMRON-XF2L Datasheet
208Kb / 4P
ZIF Slide-locking Connector (0.5-mm pitch)
XF2J_1011 OMRON-XF2J_1011 Datasheet
145Kb / 4P
ZIF Slide-locking Connector (0.5 mm-pitch)
XF2L_1011 OMRON-XF2L_1011 Datasheet
160Kb / 4P
ZIF Slide-locking Connector (0.5-mm pitch)
logo
Wurth Elektronik GmbH &...
6871XX14022 WURTH-6871XX14022 Datasheet
1Mb / 3P
0.5MM ZIF FPC HORIZONTAL TOP CONTACT TYPE - TAPE & REEL PACKAGING
68715014022 WURTH-68715014022 Datasheet
1Mb / 3P
0.5MM ZIF FPC HORIZONTAL TOP CONTACT TYPE -TAPE & REEL PACKAGING
logo
AVX Corporation
04-6214-012-010-800 AVX-04-6214-012-010-800 Datasheet
322Kb / 2P
0.5mm Pitch Vertical SMT Single- sided contact Slide lock
logo
Wurth Elektronik GmbH &...
6871XX14522 WURTH-6871XX14522 Datasheet
1Mb / 5P
0.5MM ZIF FPC HORIZONTAL BOTTOM CONTACT TYPE - TAPE & REEL PACKAGING
logo
EXCEL CELL ELECTRONIC C...
EFC-PT24-SD ECE-EFC-PT24-SD Datasheet
210Kb / 5P
0.5mm Contact Spacing, ZIF Type Board To FPC Connectors Slide SMT Type
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com