Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XF2L Datasheet (PDF) - List of Unclassifed Manufacturers

XF2L Datasheet PDF - List of Unclassifed Manufacturers
Part # XF2L
Download  XF2L Download
File Size   833.31 Kbytes
Page   1 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 0.5MM PITCH LOW PROFILE TYPE

XF2L Datasheet (PDF)

Go To PDF Page Download Datasheet
XF2L Datasheet PDF - List of Unclassifed Manufacturers

Part # XF2L
Download  XF2L Click to download

File Size   833.31 Kbytes
Page   1 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 0.5MM PITCH LOW PROFILE TYPE

XF2L Datasheet (HTML) - List of Unclassifed Manufacturers


XF2L Product details




Similar Part No. - XF2L

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XF2L OMRON-XF2L Datasheet
208Kb / 4P
ZIF Slide-locking Connector (0.5-mm pitch)
XF2L OMRON-XF2L Datasheet
160Kb / 4P
ZIF Slide-locking Connector (0.5-mm pitch)
XF2L-0425-1A OMRON-XF2L-0425-1A Datasheet
208Kb / 4P
ZIF Slide-locking Connector (0.5-mm pitch)
XF2L-0425-1A OMRON-XF2L-0425-1A Datasheet
160Kb / 4P
ZIF Slide-locking Connector (0.5-mm pitch)
XF2L-0535-1A OMRON-XF2L-0535-1A Datasheet
208Kb / 4P
ZIF Slide-locking Connector (0.5-mm pitch)
More results


Similar Description - XF2L

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF23C-10DS-0.5V HIROSE-DF23C-10DS-0.5V Datasheet
184Kb / 8P
0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
FH17-10S-0.5SH HIROSE-FH17-10S-0.5SH Datasheet
345Kb / 10P
Low Profile 0.5mm Pitch Connectors For FPC
logo
List of Unclassifed Man...
XF2J ETC-XF2J Datasheet
596Kb / 1P
0.5mm-pitch ZIF-Slide Type
logo
ALPS ELECTRIC CO.,LTD.
SKQR ALPS-SKQR Datasheet
180Kb / 3P
0.5mm Height Low-profile (Surface Mount Type)
logo
Japan Aviation Electron...
AA01A JAE-AA01A Datasheet
465Kb / 6P
0.5mm Pitch Stacking Type Board-to-Board Connector
logo
Tyco Electronics
1734592 MACOM-1734592 Datasheet
165Kb / 3P
FPC CONNECTOR, 0.5mm PITCH, BOTTOM CONTACT, SMT TYPE
logo
Hirose Electric
DF23C-20DP-0.5V92 HIROSE-DF23C-20DP-0.5V92 Datasheet
180Kb / 7P
0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
logo
Panasonic Semiconductor
AXR30341 PANASONIC-AXR30341 Datasheet
709Kb / 16P
FOR CELLULAR PHONE ULTRA LOW PROFILE TYPE FOR PORTABLE EQUIPMENT (0.5mm PITCH)
logo
Hirose Electric
TF12 HIROSE-TF12 Datasheet
255Kb / 7P
0.5mm PITCH Back-Flip Type
logo
I-PEX Inc.
2576-040 I-PEX-2576-040 Datasheet
298Kb / 2P
CABLINE®-VS 0.5mm Pitch Horizontal Type
2010/05R4
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com