Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC755LP4E Datasheet (PDF) - Hittite Microwave Corporation

HMC755LP4E Datasheet PDF - Hittite Microwave Corporation
Part # HMC755LP4E
Download  HMC755LP4E Download
File Size   318.33 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC 1 WATT POWER AMPLIFIER, 2.3 - 2.8 GHz

HMC755LP4E Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC755LP4E Datasheet PDF - Hittite Microwave Corporation

Part # HMC755LP4E
Download  HMC755LP4E Click to download

File Size   318.33 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC 1 WATT POWER AMPLIFIER, 2.3 - 2.8 GHz

HMC755LP4E Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC755LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC755LP4E HITTITE-HMC755LP4E Datasheet
1Mb / 8P
GaAs MMIC 1 WATT POWER AMPLIFIER, 2.3 - 2.8 GHz
HMC755LP4E HITTITE-HMC755LP4E_10 Datasheet
1Mb / 8P
GaAs MMIC 1 WATT POWER AMPLIFIER, 2.3 - 2.8 GHz
More results


Similar Description - HMC755LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC414MS8G HITTITE-HMC414MS8G Datasheet
364Kb / 8P
GaAs InGaP HBT MMIC POWER AMPLIFIER, 2.2 - 2.8 GHz
HMC414MS8G HITTITE-HMC414MS8G_01 Datasheet
322Kb / 8P
GaAs InGaP HBT MMIC POWER AMPLIFIER, 2.2 - 2.8 GHz
HMC-APH462 HITTITE-HMC-APH462 Datasheet
236Kb / 6P
GaAs HEMT MMIC 1 WATT POWER AMPLIFIER, 15 - 27 GHz
HMC414MS8G HITTITE-HMC414MS8G_09 Datasheet
246Kb / 8P
GaAs InGaP HBT MMIC POWER AMPLIFIER, 2.2 - 2.8 GHz
HMC590LP5 HITTITE-HMC590LP5_09 Datasheet
279Kb / 8P
GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 6.0 - 9.5 GHz
HMC637 HITTITE-HMC637 Datasheet
609Kb / 8P
GaAs MESFET MMIC 1 WATT POWER AMPLIFIER, DC - 6 GHz
HMC637LP5 HITTITE-HMC637LP5 Datasheet
931Kb / 8P
GaAs MESFET MMIC 1 WATT POWER AMPLIFIER, DC - 6 GHz
HMC693 HITTITE-HMC693 Datasheet
675Kb / 8P
GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 27 - 34 GHz
HMC755LP4E HITTITE-HMC755LP4E_10 Datasheet
1Mb / 8P
GaAs MMIC 1 WATT POWER AMPLIFIER, 2.3 - 2.8 GHz
logo
Analog Devices
HMC637A AD-HMC637A Datasheet
374Kb / 8P
GaAs MMIC 1 WATT POWER AMPLIFIER
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com