Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSB95 Datasheet (PDF) - Powersem GmbH

PSB95 Datasheet PDF - Powersem GmbH
Part # PSB95
Download  PSB95 Download
File Size   189.9 Kbytes
Page   2 Pages
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH
Description Single Phase Rectifier Bridges

PSB95 Datasheet (PDF)

Go To PDF Page Download Datasheet
PSB95 Datasheet PDF - Powersem GmbH

Part # PSB95
Download  PSB95 Click to download

File Size   189.9 Kbytes
Page   2 Pages
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH
Description Single Phase Rectifier Bridges

PSB95 Datasheet (HTML) - Powersem GmbH


PSB95 Product details

Features
• Package with screw terminals
• Isolation voltage 3000 V∼
• Planar glasspassivated chips
• Blocking voltage up to 1800 V
• Low forward voltage drop
• UL registered, E 148688

Applications
• Supplies for DC power equipment
• Input rectifiers for PWM inverter
• Battery DC power supplies
• Field supply for DC motors

Advantages
• Easy to mount with two screws
• Space and weight savings
• Improved temperature and power cycling capability




Similar Part No. - PSB95

ManufacturerPart #DatasheetDescription
logo
Power-One
PSB POWER-ONE-PSB Datasheet
96Kb / 3P
3 to 8 A Switching Regulators
logo
KOA Speer Electronics, ...
PSB KOA-PSB Datasheet
358Kb / 2P
chip type power shunt resistor
logo
Illinois Capacitor, Inc...
PSB ILLINOISCAPACITOR-PSB Datasheet
433Kb / 11P
Power semiconductor module protection - High pulse and rms current ??Multiple Leads
logo
Alpha Electronics Corp.
PSB ALPHAELECTRONICS-PSB Datasheet
268Kb / 2P
Ultra Precision Shunt Resistor (40 Watts)
Revision: 25-Apr-2016
logo
Premier Magnetics, Inc.
PSB-101 PMI-PSB-101 Datasheet
71Kb / 2P
SPLIT BOBBIN HIGH ISOLATION POWER TRANSFORMERS
More results


Similar Description - PSB95

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSB31 POWERSEM-PSB31 Datasheet
102Kb / 1P
Single Phase Rectifier Bridges
PSB41 POWERSEM-PSB41 Datasheet
158Kb / 2P
Single Phase Rectifier Bridges
PSB50 POWERSEM-PSB50 Datasheet
119Kb / 1P
Single Phase Rectifier Bridges
PSB51 POWERSEM-PSB51 Datasheet
168Kb / 2P
Single Phase Rectifier Bridges
PSB61 POWERSEM-PSB61 Datasheet
169Kb / 2P
Single Phase Rectifier Bridges
PSB62 POWERSEM-PSB62 Datasheet
177Kb / 2P
Single Phase Rectifier Bridges
PSB75 POWERSEM-PSB75 Datasheet
172Kb / 2P
Single Phase Rectifier Bridges
PSB105 POWERSEM-PSB105 Datasheet
168Kb / 2P
Single Phase Rectifier Bridges
PSB112 POWERSEM-PSB112 Datasheet
181Kb / 2P
Single Phase Rectifier Bridges
logo
Inchange Semiconductor ...
PSB62-16 ISC-PSB62-16 Datasheet
340Kb / 2P
Single Phase Rectifier Bridges
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com