Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC871LC5 Datasheet (PDF) - Hittite Microwave Corporation

HMC871LC5 Datasheet PDF - Hittite Microwave Corporation
Part # HMC871LC5_10
Download  HMC871LC5 Download
File Size   601.68 Kbytes
Page   10 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description EA OPTICAL MODULATOR DRIVER, DC - 20 GHz

HMC871LC5 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC871LC5 Datasheet PDF - Hittite Microwave Corporation

Part # HMC871LC5_10
Download  HMC871LC5 Click to download

File Size   601.68 Kbytes
Page   10 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description EA OPTICAL MODULATOR DRIVER, DC - 20 GHz

HMC871LC5 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC871LC5_10

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC871LC5_1010 HITTITE-HMC871LC5_1010 Datasheet
2Mb / 10P
EA OPTICAL MODULATOR DRIVER, DC - 20 GHz
More results


Similar Description - HMC871LC5_10

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM3020-BD MIMIX-CMM3020-BD Datasheet
453Kb / 3P
30 kHz to 20 GHz GaAs MMIC Optical Modulator Driver Amplifer
CMM3020-BD MIMIX-CMM3020-BD_06 Datasheet
93Kb / 2P
30 kHz-20 GHz GaAs MMIC Optical Modulator Driver Amplifier
logo
OKI electronic componet...
KGL4115F OKI-KGL4115F Datasheet
64Kb / 5P
10 Gbps EA Modulator Driver IC
logo
Hittite Microwave Corpo...
HMC870LC5 HITTITE-HMC870LC5_10 Datasheet
1,019Kb / 12P
MZ OPTICAL MODULATOR DRIVER, DC - 20 GHz
HMC465 HITTITE-HMC465_10 Datasheet
610Kb / 8P
GaAs pHEMT MMIC MODULATOR DRIVER AMPLIFIER, DC - 20 GHz
HMC465LP5 HITTITE-HMC465LP5_10 Datasheet
985Kb / 8P
GaAs PHEMT MMIC MODULATOR DRIVER AMPLIFIER, DC - 20 GHz
HMC870LC5_1010 HITTITE-HMC870LC5_1010 Datasheet
2Mb / 12P
MZ OPTICAL MODULATOR DRIVER, DC - 20 GHz
HMC871LC5_1010 HITTITE-HMC871LC5_1010 Datasheet
2Mb / 10P
EA OPTICAL MODULATOR DRIVER, DC - 20 GHz
logo
M/A-COM Technology Solu...
MAOM-010567-V1 MA-COM-MAOM-010567-V1 Datasheet
1Mb / 9P
Optical Modulator Driver
MAOM-010567 MA-COM-MAOM-010567_15 Datasheet
1Mb / 9P
Optical Modulator Driver
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com