Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMM3020-BD Datasheet (PDF) - Mimix Broadband

CMM3020-BD Datasheet PDF - Mimix Broadband
Part # CMM3020-BD
Download  CMM3020-BD Download
File Size   453.21 Kbytes
Page   3 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description 30 kHz to 20 GHz GaAs MMIC Optical Modulator Driver Amplifer

CMM3020-BD Datasheet (PDF)

Go To PDF Page Download Datasheet
CMM3020-BD Datasheet PDF - Mimix Broadband

Part # CMM3020-BD
Download  CMM3020-BD Click to download

File Size   453.21 Kbytes
Page   3 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description 30 kHz to 20 GHz GaAs MMIC Optical Modulator Driver Amplifer

CMM3020-BD Datasheet (HTML) - Mimix Broadband


CMM3020-BD Product details

Description
The CMM3020-BD is a precision GaAs MMIC, medium power amplifier and is part of Celeritek’s family of WideFiber™ products.

Features
    Small Size: 43 x 92 mils
    High Gain: 10 dB Typical
    Output Voltage up to 7.5 V Peak-to-Peak
    30 kHz to 20 GHz Bandwidth
    Low Gain Ripple: 1.0 dB pp Typical
    Sub 0.25 Micron Ion/Implant Process

Applications
    Driver for LiNb03 Modulator @ OC192 bit rate SONET/SHD Transmission Systems
    Medium Power Linear Gain Block for Broadband Systems




Similar Part No. - CMM3020-BD

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM3020-BD MIMIX-CMM3020-BD Datasheet
93Kb / 2P
30 kHz-20 GHz GaAs MMIC Optical Modulator Driver Amplifier
CMM3020-BD MIMIX-CMM3020-BD Datasheet
1Mb / 8P
30.0 kHz-20.0 GHz GaAs MMIC
CMM3020-BD-0048 MIMIX-CMM3020-BD-0048 Datasheet
93Kb / 2P
30 kHz-20 GHz GaAs MMIC Optical Modulator Driver Amplifier
CMM3020-BD-0192 MIMIX-CMM3020-BD-0192 Datasheet
93Kb / 2P
30 kHz-20 GHz GaAs MMIC Optical Modulator Driver Amplifier
CMM3020-BD MIMIX-CMM3020-BD_06 Datasheet
93Kb / 2P
30 kHz-20 GHz GaAs MMIC Optical Modulator Driver Amplifier
More results


Similar Description - CMM3020-BD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMM2030 ETC-CMM2030 Datasheet
566Kb / 4P
30 KHZ TO 30 GHZ GAAS MMIC OPTICAL MODULATOR DRIVER AMPLIFIER
logo
Mimix Broadband
CMM0014-BD MIMIX-CMM0014-BD Datasheet
1Mb / 4P
2.0 to 22.0 GHz GaAs MMIC Power Amplifer
CMM0016-BD MIMIX-CMM0016-BD Datasheet
1Mb / 5P
2.0 to 20.0 GHz GaAs MMIC 1W Power Amplifer
CMM1200-BD MIMIX-CMM1200-BD Datasheet
1,016Kb / 6P
2.0 to 6.0 GHz GaAs MMIC Low-Noise Amplifer
CMM3030-BD MIMIX-CMM3030-BD Datasheet
863Kb / 5P
30 kHz to GHz GaAs MMIC Optical Modulator Driver Amplifer
CMM2030-BD MIMIX-CMM2030-BD Datasheet
279Kb / 4P
30 kHz-30 GHz GaAs MMIC Optical Modulator Driver Amplifier
CMM3020-BD MIMIX-CMM3020-BD_06 Datasheet
93Kb / 2P
30 kHz-20 GHz GaAs MMIC Optical Modulator Driver Amplifier
CMM3030-BD MIMIX-CMM3030-BD_06 Datasheet
197Kb / 4P
30 kHz-30 GHz GaAs MMIC Optical Modulator Driver Amplifier
logo
Hittite Microwave Corpo...
HMC465 HITTITE-HMC465_10 Datasheet
610Kb / 8P
GaAs pHEMT MMIC MODULATOR DRIVER AMPLIFIER, DC - 20 GHz
HMC465LP5 HITTITE-HMC465LP5_10 Datasheet
985Kb / 8P
GaAs PHEMT MMIC MODULATOR DRIVER AMPLIFIER, DC - 20 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com