Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMM0014-BD Datasheet (PDF) - Mimix Broadband

CMM0014-BD Datasheet PDF - Mimix Broadband
Part # CMM0014-BD
Download  CMM0014-BD Download
File Size   1141.36 Kbytes
Page   4 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description 2.0 to 22.0 GHz GaAs MMIC Power Amplifer

CMM0014-BD Datasheet (PDF)

Go To PDF Page Download Datasheet
CMM0014-BD Datasheet PDF - Mimix Broadband

Part # CMM0014-BD
Download  CMM0014-BD Click to download

File Size   1141.36 Kbytes
Page   4 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description 2.0 to 22.0 GHz GaAs MMIC Power Amplifer

CMM0014-BD Datasheet (HTML) - Mimix Broadband


CMM0014-BD Product details

General Description
Mimix Broadband’s distributed 2.0-22.0 GHz GaAs MMIC power amplifier has a small signal gain of 11.0 dB with a +24.0 dBm P1dB output compression point. This MMIC uses Mimix Broadband’s GaAs PHEMT device model technology, and is based upon electron beam lithography to ensure high repeatability and uniformity. The chip has surface passivation to protect and provide a rugged part with backside via holes and gold metallization to allow either a conductive epoxy or eutectic solder die attach process. This device is well suited for Test Instrumentation, Military, Space, Microwave Point-to-Point Radio, SATCOM and VSAT applications.

Features
    Ultra Wide Band Power Amplifier
    Compact Size/Self Bias Architecture
    11.0 dB Small Signal Gain
    +24.0 dBm P1dB Compression Point
    +36.0 dBm Third Order Intercept
    100% Visual Inspection to MIL-STD-883 Method 2010




Similar Part No. - CMM0014-BD

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM0014-BD MIMIX-CMM0014-BD Datasheet
618Kb / 3P
2.0-22.0 GHz GaAs MMIC Power Amplifier
CMM0014-BD MIMIX-CMM0014-BD Datasheet
198Kb / 6P
2.0-22.0 GHz GaAs MMIC Power Amplifier
CMM0014-BD MIMIX-CMM0014-BD Datasheet
284Kb / 9P
2.0-22.0 GHz GaAs MMIC
CMM0014-BD-000V MIMIX-CMM0014-BD-000V Datasheet
198Kb / 6P
2.0-22.0 GHz GaAs MMIC Power Amplifier
CMM0014-BD MIMIX-CMM0014-BD_06 Datasheet
618Kb / 3P
2.0-22.0 GHz GaAs MMIC Power Amplifier
More results


Similar Description - CMM0014-BD

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
18MPA0567 MIMIX-18MPA0567 Datasheet
133Kb / 7P
17.0-22.0 GHz GaAs MMIC Power Amplifier
CMM0016-BD MIMIX-CMM0016-BD Datasheet
1Mb / 5P
2.0 to 20.0 GHz GaAs MMIC 1W Power Amplifer
CMM1200-BD MIMIX-CMM1200-BD Datasheet
1,016Kb / 6P
2.0 to 6.0 GHz GaAs MMIC Low-Noise Amplifer
CMM0014-BD MIMIX-CMM0014-BD_06 Datasheet
618Kb / 3P
2.0-22.0 GHz GaAs MMIC Power Amplifier
XP1021-BD MIMIX-XP1021-BD Datasheet
245Kb / 7P
17.0-22.0 GHz GaAs MMIC Power Amplifier
CMM0014-BD MIMIX-CMM0014-BD_07 Datasheet
198Kb / 6P
2.0-22.0 GHz GaAs MMIC Power Amplifier
CMM0015-BD MIMIX-CMM0015-BD Datasheet
203Kb / 6P
2.0-22.0 GHz GaAs MMIC Power Amplifier
CMM0016-BD MIMIX-CMM0016-BD_08 Datasheet
176Kb / 6P
2.0-22.0 GHz GaAs MMIC Power Amplifier
CMM0014-BD MIMIX-CMM0014-BD_09 Datasheet
284Kb / 9P
2.0-22.0 GHz GaAs MMIC
CMM0016-BD MIMIX-CMM0016-BD_09 Datasheet
277Kb / 9P
2.0-22.0 GHz GaAs MMIC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com