Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMM0016-BD Datasheet (PDF) - Mimix Broadband

CMM0016-BD Datasheet PDF - Mimix Broadband
Part # CMM0016-BD
Download  CMM0016-BD Download
File Size   1078.07 Kbytes
Page   5 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description 2.0 to 20.0 GHz GaAs MMIC 1W Power Amplifer

CMM0016-BD Datasheet (PDF)

Go To PDF Page Download Datasheet
CMM0016-BD Datasheet PDF - Mimix Broadband

Part # CMM0016-BD
Download  CMM0016-BD Click to download

File Size   1078.07 Kbytes
Page   5 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description 2.0 to 20.0 GHz GaAs MMIC 1W Power Amplifer

CMM0016-BD Datasheet (HTML) - Mimix Broadband


CMM0016-BD Product details

General Description

Mimix Broadband’s distributed 2.0-22.0 GHz GaAs MMIC power amplifier has a small signal gain of 10.0 dB with a +30.0 dBm P1dB output compression point. This MMIC uses Mimix Broadband’s 0.3 µm GaAs PHEMT device model technology, and is based upon electron beam lithography to ensure high repeatability and uniformity. The chip has surface passivation to protect and provide a rugged part with backside via holes and gold metallization to allow either a conductive epoxy or eutectic solder die attach process. This device is well suited for Test Instrumentation, Military, Space, Microwave Point-to-Point Radio, SATCOM and VSAT applications.



Features

♦ Ultra Wide Band Power Amplifier

♦ Compact Size/Self Bias Architecture

♦ Positive Gain Slope

♦ 10.0 dB Small Signal Gain

♦ +30.0 dBm P1dB Compression Point

♦ +39.0 dBm Third Order Intercept

♦ 100% Visual Inspection to MIL-STD-883 Method 2010



 




Similar Part No. - CMM0016-BD

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM0016-BD MIMIX-CMM0016-BD Datasheet
176Kb / 6P
2.0-22.0 GHz GaAs MMIC Power Amplifier
CMM0016-BD MIMIX-CMM0016-BD Datasheet
277Kb / 9P
2.0-22.0 GHz GaAs MMIC
CMM0016-BD-000V MIMIX-CMM0016-BD-000V Datasheet
176Kb / 6P
2.0-22.0 GHz GaAs MMIC Power Amplifier
CMM0016-BD MIMIX-CMM0016-BD_08 Datasheet
176Kb / 6P
2.0-22.0 GHz GaAs MMIC Power Amplifier
CMM0016-BD MIMIX-CMM0016-BD_09 Datasheet
277Kb / 9P
2.0-22.0 GHz GaAs MMIC
More results


Similar Description - CMM0016-BD

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC462 HITTITE-HMC462 Datasheet
193Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2.0 - 20.0 GHz
HMC462LP5 HITTITE-HMC462LP5 Datasheet
289Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2.0 - 20.0 GHz
HMC464 HITTITE-HMC464 Datasheet
237Kb / 6P
GaAs PHEMT MMIC POWER AMPLIFIER, 2.0 - 20.0 GHz
HMC464LP5 HITTITE-HMC464LP5 Datasheet
281Kb / 6P
GaAs PHEMT MMIC POWER AMPLIFIER, 2.0 - 20.0 GHz
logo
List of Unclassifed Man...
CMM-10 ETC-CMM-10 Datasheet
192Kb / 2P
2.0 TO 20.0 GHz GAAS MMIC POWER AMPLIFIER
logo
Mimix Broadband
CMM0014-BD MIMIX-CMM0014-BD Datasheet
1Mb / 4P
2.0 to 22.0 GHz GaAs MMIC Power Amplifer
CMM1200-BD MIMIX-CMM1200-BD Datasheet
1,016Kb / 6P
2.0 to 6.0 GHz GaAs MMIC Low-Noise Amplifer
CMM0016 MIMIX-CMM0016_06 Datasheet
246Kb / 5P
2.0-20.0 GHz GaAs MMIC 1W Power Amplifier
CMM1118-QT MIMIX-CMM1118-QT_10 Datasheet
1Mb / 6P
11.0-20.0 GHz GaAs MMIC
XL1010-QT MIMIX-XL1010-QT_10 Datasheet
666Kb / 5P
20.0-38.0 GHz GaAs MMIC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com