Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC464 Datasheet (PDF) - Hittite Microwave Corporation

HMC464 Datasheet PDF - Hittite Microwave Corporation
Part # HMC464
Download  HMC464 Download
File Size   237.32 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs PHEMT MMIC POWER AMPLIFIER, 2.0 - 20.0 GHz

HMC464 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC464 Datasheet PDF - Hittite Microwave Corporation

Part # HMC464
Download  HMC464 Click to download

File Size   237.32 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs PHEMT MMIC POWER AMPLIFIER, 2.0 - 20.0 GHz

HMC464 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC464

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC464 HITTITE-HMC464 Datasheet
256Kb / 6P
GaAs PHEMT MMIC POWER AMPLIFIER, 2 - 20 GHz
logo
Micross Components
HMC464 MICROSS-HMC464 Datasheet
902Kb / 9P
Test Instrumentation
logo
Analog Devices
HMC464 AD-HMC464 Datasheet
344Kb / 6P
Test Instrumentation
logo
Hittite Microwave Corpo...
HMC464LP5 HITTITE-HMC464LP5 Datasheet
281Kb / 6P
GaAs PHEMT MMIC POWER AMPLIFIER, 2.0 - 20.0 GHz
HMC464LP5 HITTITE-HMC464LP5 Datasheet
242Kb / 6P
GaAs PHEMT MMIC POWER AMPLIFIER, 2 - 20 GHz
More results


Similar Description - HMC464

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC460 HITTITE-HMC460 Datasheet
285Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, DC - 20.0 GHz
HMC462 HITTITE-HMC462 Datasheet
193Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2.0 - 20.0 GHz
HMC462LP5 HITTITE-HMC462LP5 Datasheet
289Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2.0 - 20.0 GHz
HMC463LP5 HITTITE-HMC463LP5 Datasheet
354Kb / 6P
GaAs PHEMT MMIC LOW NOISE AGC AMPLIFIER, 2.0 - 20.0 GHz
HMC464LP5 HITTITE-HMC464LP5 Datasheet
281Kb / 6P
GaAs PHEMT MMIC POWER AMPLIFIER, 2.0 - 20.0 GHz
logo
List of Unclassifed Man...
CMM-10 ETC-CMM-10 Datasheet
192Kb / 2P
2.0 TO 20.0 GHz GAAS MMIC POWER AMPLIFIER
logo
Hittite Microwave Corpo...
HMC451 HITTITE-HMC451 Datasheet
373Kb / 8P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 5.0 - 20.0 GHz
HMC559 HITTITE-HMC559 Datasheet
404Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 20.0 GHz
logo
Mimix Broadband
CMM0016 MIMIX-CMM0016_06 Datasheet
246Kb / 5P
2.0-20.0 GHz GaAs MMIC 1W Power Amplifier
logo
Hittite Microwave Corpo...
HMC460 HITTITE-HMC460_06 Datasheet
400Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, DC - 20.0 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com