Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMM1200-BD Datasheet (PDF) - Mimix Broadband

CMM1200-BD Datasheet PDF - Mimix Broadband
Part # CMM1200-BD
Download  CMM1200-BD Download
File Size   1016.86 Kbytes
Page   6 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description 2.0 to 6.0 GHz GaAs MMIC Low-Noise Amplifer

CMM1200-BD Datasheet (PDF)

Go To PDF Page Download Datasheet
CMM1200-BD Datasheet PDF - Mimix Broadband

Part # CMM1200-BD
Download  CMM1200-BD Click to download

File Size   1016.86 Kbytes
Page   6 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description 2.0 to 6.0 GHz GaAs MMIC Low-Noise Amplifer

CMM1200-BD Datasheet (HTML) - Mimix Broadband




Similar Part No. - CMM1200-BD

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM1200-BD MIMIX-CMM1200-BD Datasheet
457Kb / 5P
2.0-6.0 GHz GaAs MMIC Low Noise Amplifier
CMM1200-BD MIMIX-CMM1200-BD Datasheet
452Kb / 5P
2.0-6.0 GHz GaAs MMIC Low Noise Amplifier
CMM1200-BD-000V MIMIX-CMM1200-BD-000V Datasheet
452Kb / 5P
2.0-6.0 GHz GaAs MMIC Low Noise Amplifier
CMM1200-BD MIMIX-CMM1200-BD_07 Datasheet
452Kb / 5P
2.0-6.0 GHz GaAs MMIC Low Noise Amplifier
More results


Similar Description - CMM1200-BD

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC320MS8G HITTITE-HMC320MS8G Datasheet
236Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER , 5.0 - 6.0 GHz
logo
List of Unclassifed Man...
CMM-2 ETC1-CMM-2 Datasheet
485Kb / 4P
2.0 TO 6.0 GHz GaAs MMIC AMPLIFIER
logo
Mimix Broadband
CMM0014-BD MIMIX-CMM0014-BD Datasheet
1Mb / 4P
2.0 to 22.0 GHz GaAs MMIC Power Amplifer
CMM0016-BD MIMIX-CMM0016-BD Datasheet
1Mb / 5P
2.0 to 20.0 GHz GaAs MMIC 1W Power Amplifer
CMM-2 MIMIX-CMM-2 Datasheet
446Kb / 4P
2.0-6.0 GHz GaAs MMIC Amplifier
CMM1200 MIMIX-CMM1200 Datasheet
457Kb / 5P
2.0-6.0 GHz GaAs MMIC Low Noise Amplifier
CMM-5-BD MIMIX-CMM-5-BD Datasheet
1Mb / 5P
2.0-6.0 GHz GaAs MMIC Amplifier
logo
Hittite Microwave Corpo...
HMC320MS8G HITTITE-HMC320MS8G_07 Datasheet
261Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER , 5.0 - 6.0 GHz
logo
Mimix Broadband
CMM1200-BD MIMIX-CMM1200-BD_07 Datasheet
452Kb / 5P
2.0-6.0 GHz GaAs MMIC Low Noise Amplifier
logo
M/A-COM Technology Solu...
MAAM26100-P1 MA-COM-MAAM26100-P1 Datasheet
104Kb / 3P
GaAs MMIC Power Amplifier 2.0 - 6.0 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com