Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC320MS8G Datasheet (PDF) - Hittite Microwave Corporation

HMC320MS8G Datasheet PDF - Hittite Microwave Corporation
Part # HMC320MS8G
Download  HMC320MS8G Download
File Size   236.67 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC LOW NOISE AMPLIFIER , 5.0 - 6.0 GHz

HMC320MS8G Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC320MS8G Datasheet PDF - Hittite Microwave Corporation

Part # HMC320MS8G
Download  HMC320MS8G Click to download

File Size   236.67 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC LOW NOISE AMPLIFIER , 5.0 - 6.0 GHz

HMC320MS8G Datasheet (HTML) - Hittite Microwave Corporation


HMC320MS8G Product details

General Description
The HMC320MS8G & HMC320MS8GE are low cost C-band fi xed gain Low Noise Amplifi ers (LNA). The HMC320MS8G & HMC320MS8GE operate using a single positive supply that can be set between +3V and +5V. With +3V bias, the LNA provides a noise fi gure of 2.5 dB, 1 dB gain and better than 10 dB return loss across the UNII band. The HMC320MS8G & HMC320MS8GE also feature an adaptive baising that allows the user to select the optimal P1dB performance for their system using an external set resistor on the “RES” pin. P1dB performance can be set between a range of +1 dBm to +13 dBm. The low cost LNA uses an 8-leaded MSOP ground base surface mount plastic package, which occupies less than 14.8 mm2.

Features
   Selectable Functionality: LNA, Driver, or LO Buffer Amp
   Adjustable Input IP3 Up to +10 dBm
   +3V Operation
   Ultra Small 8 Lead MSOP: 14.8 x 14.8 x 1 mm

Typical Applications
The HMC320MS8G(E) is ideal for:
• UNII
• HiperLAN




Similar Part No. - HMC320MS8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC320MS8G HITTITE-HMC320MS8G Datasheet
208Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER , 5 - 6 GHz
HMC320MS8G HITTITE-HMC320MS8G Datasheet
208Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER , 5 - 6 GHz
HMC320MS8G HITTITE-HMC320MS8G Datasheet
261Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER , 5.0 - 6.0 GHz
HMC320MS8GE HITTITE-HMC320MS8GE Datasheet
208Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER , 5 - 6 GHz
HMC320MS8G HITTITE-HMC320MS8G_07 Datasheet
261Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER , 5.0 - 6.0 GHz
More results


Similar Description - HMC320MS8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC280MS8G HITTITE-HMC280MS8G Datasheet
216Kb / 6P
GaAs MMIC POWER AMPLIFIER 5.0 - 6.0 GHz
HMC318MS8G HITTITE-HMC318MS8G Datasheet
217Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER with AGC, 5.0 - 6.0 GHz
logo
Mimix Broadband
XL1005 MIMIX-XL1005 Datasheet
153Kb / 6P
5.0-20.0 GHz GaAs MMIC Low Noise Amplifier
CMM1200 MIMIX-CMM1200 Datasheet
457Kb / 5P
2.0-6.0 GHz GaAs MMIC Low Noise Amplifier
logo
Hittite Microwave Corpo...
HMC318MS8G HITTITE-HMC318MS8G_07 Datasheet
243Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER with AGC, 5.0 - 6.0 GHz
HMC320MS8G HITTITE-HMC320MS8G_07 Datasheet
261Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER , 5.0 - 6.0 GHz
logo
Mimix Broadband
CMM1200-BD MIMIX-CMM1200-BD_07 Datasheet
452Kb / 5P
2.0-6.0 GHz GaAs MMIC Low Noise Amplifier
XL1005-BD MIMIX-XL1005-BD Datasheet
153Kb / 6P
5.0-20.0 GHz GaAs MMIC Low Noise Amplifier
logo
Hittite Microwave Corpo...
HMC280MS8G HITTITE-HMC280MS8G_05 Datasheet
290Kb / 6P
GaAs MMIC POWER AMPLIFIER 5.0 - 6.0 GHz
HMC717LP3 HITTITE-HMC717LP3 Datasheet
1Mb / 10P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 4.8 - 6.0 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com