Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC318MS8G Datasheet (PDF) - Hittite Microwave Corporation

HMC318MS8G Datasheet PDF - Hittite Microwave Corporation
Part # HMC318MS8G
Download  HMC318MS8G Download
File Size   217.14 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC LOW NOISE AMPLIFIER with AGC, 5.0 - 6.0 GHz

HMC318MS8G Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC318MS8G Datasheet PDF - Hittite Microwave Corporation

Part # HMC318MS8G
Download  HMC318MS8G Click to download

File Size   217.14 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC LOW NOISE AMPLIFIER with AGC, 5.0 - 6.0 GHz

HMC318MS8G Datasheet (HTML) - Hittite Microwave Corporation


HMC318MS8G Product details

General Description
The HMC318MS8G & HMC318MS8GE are surface mount low cost C-band variable gain low noise amplifi ers (VGLNA) that serve the full UNII and HiperLAN bands. The HMC318MS8G & HMC318MS8GE operate using a single positive supply that can be set between +3V or +5V. When a control voltage of 0V to +3V is applied, the gain of the amplifi er will decrease while maintaining excellent return loss performance. A maximum gain of 9 dB is achieved when VCTL is set to 0V and a minimum gain of -9 dB is achieved when Vctl is set to +3V.

Features
   LNA with 18 dB Gain Control
   +3V Operation
   Low Noise Figure: 2.5 dB
   No External Components
   Ultra Small 8 Lead MSOP:
      14.8mm2 x 1mm High

Typical Applications
The HMC318MS8G / HMC318MS8GE is ideal for:
• UNII
• HiperLAN




Similar Part No. - HMC318MS8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC318MS8G HITTITE-HMC318MS8G Datasheet
214Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER with AGC, 5 - 6 GHz
HMC318MS8G HITTITE-HMC318MS8G Datasheet
243Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER with AGC, 5.0 - 6.0 GHz
HMC318MS8G HITTITE-HMC318MS8G_07 Datasheet
243Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER with AGC, 5.0 - 6.0 GHz
HMC318MS8G HITTITE-HMC318MS8G_09 Datasheet
214Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER with AGC, 5 - 6 GHz
More results


Similar Description - HMC318MS8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC280MS8G HITTITE-HMC280MS8G Datasheet
216Kb / 6P
GaAs MMIC POWER AMPLIFIER 5.0 - 6.0 GHz
HMC287MS8 HITTITE-HMC287MS8 Datasheet
217Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER with AGC, 2.3 - 2.5 GHz
HMC320MS8G HITTITE-HMC320MS8G Datasheet
236Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER , 5.0 - 6.0 GHz
HMC287MS8 HITTITE-HMC287MS8_05 Datasheet
287Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER with AGC, 2.3 - 2.5 GHz
HMC318MS8G HITTITE-HMC318MS8G_07 Datasheet
243Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER with AGC, 5.0 - 6.0 GHz
HMC320MS8G HITTITE-HMC320MS8G_07 Datasheet
261Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER , 5.0 - 6.0 GHz
logo
Mimix Broadband
CMM1200-BD MIMIX-CMM1200-BD_07 Datasheet
452Kb / 5P
2.0-6.0 GHz GaAs MMIC Low Noise Amplifier
logo
Hittite Microwave Corpo...
HMC280MS8G HITTITE-HMC280MS8G_05 Datasheet
290Kb / 6P
GaAs MMIC POWER AMPLIFIER 5.0 - 6.0 GHz
HMC287MS8 HITTITE-HMC287MS8_08 Datasheet
194Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER with AGC, 2.3 - 2.5 GHz
HMC318MS8G HITTITE-HMC318MS8G_09 Datasheet
214Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER with AGC, 5 - 6 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com